Electronic Components Datasheet Search
  English  ▼

X  

AP3403 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP3403
Description  600mA STEP-DOWN DC/DC CONVERTER WITH SYNCHRONOUS RECTIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3403 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP3403 Datasheet HTML 1Page - Diodes Incorporated AP3403 Datasheet HTML 2Page - Diodes Incorporated AP3403 Datasheet HTML 3Page - Diodes Incorporated AP3403 Datasheet HTML 4Page - Diodes Incorporated AP3403 Datasheet HTML 5Page - Diodes Incorporated AP3403 Datasheet HTML 6Page - Diodes Incorporated AP3403 Datasheet HTML 7Page - Diodes Incorporated AP3403 Datasheet HTML 8Page - Diodes Incorporated AP3403 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
AP3403
Document number: DS36839 Rev. 3 - 2
1 of 9
www.diodes.com
May 2015
© Diodes Incorporated
AP3403
A Product Line of
Diodes Incorporated
600mA STEP-DOWN DC/DC CONVERTER WITH SYNCHRONOUS RECTIFIER
Description
The AP3403 is a 2.0MHz fixed frequency, current mode, PWM
synchronous buck (step-down) DC-DC converter, capable of driving a
600mA load with high efficiency, excellent line and load regulation.
The high efficiency is easily configured by using an inductor, resistors
and capacitors as the external components. Current mode control
provides fast transient response and cycle-by-cycle current limit.
The AP3403 employs complete protection to ensure system security,
including input Under Voltage Lock Out, Over Temperature Protection
and hiccup mode Short Circuit Protection.
This IC is available in U-DFN1616-6 package.
Features
High Efficiency Buck Power Converter
Input Voltage Range: 2.3V to 5.5V
Output Voltage Range: 0.7V to 5.5V
Fixed 2.0MHz Oscillator Frequency
Built-in Soft-start Time
Built-in Over Current Protection
Built-in Thermal Shutdown Function
Built-in UVLO Function
Hiccup Mode SCP
Output Current: 600mA
Package: U-DFN1616-6
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
(Top View)
1
Pin 1 Mark
2
3
6
5
4
EP
EN
AGND
PGND
FB
VIN
SW
U-DFN1616-6 (Type G)
Applications
Post DC-DC Voltage Regulation
PDA and Notebook Computer
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
Typical Applications Circuit
L 2.2
μH
VIN
CIN
4.7
μF
ON/OFF
VIN
EN
SW
FB
AGND
PGND
VOUT 1.8V
COUT
10
μF
R1
240K
Ω
R2
120K
Ω
Cff
22pF
AP3403
1
2
3
4
5
6


Similar Part No. - AP3403

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP3403GH A-POWER-AP3403GH Datasheet
72Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP3403GJ A-POWER-AP3403GJ Datasheet
72Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP3403H A-POWER-AP3403H Datasheet
79Kb / 4P
P-CHANNEL ENHANCEMENT MODE
AP3403J A-POWER-AP3403J Datasheet
79Kb / 4P
P-CHANNEL ENHANCEMENT MODE
More results

Similar Description - AP3403

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2102 AD-ADP2102 Datasheet
230Kb / 7P
600mA 3MHz Synchronous Step-Down DC-DC Converter
logo
Silan Microelectronics ...
SC46208 SILAN-SC46208 Datasheet
547Kb / 10P
1.25MHz, 600mA, HIGH EFFICIENCY SYNCHRONOUS STEP-DOWN DC-DC CONVERTER
logo
Union Semiconductor, In...
UM3500 UNIONSEMI-UM3500 Datasheet
368Kb / 11P
600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
UM3521DA UNIONSEMI-UM3521DA Datasheet
609Kb / 10P
600mA, 2.25MHz, Synchronous Step-Down DC-DC Converter
UM3501 UNIONSEMI-UM3501 Datasheet
382Kb / 11P
600mA, 1.2MHz, Synchronous Step-Down DC-DC Converter
logo
Analog Microelectronics
AME5252 AME-AME5252 Datasheet
158Kb / 18P
Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Converter
logo
Diodes Incorporated
AP3405 DIODES-AP3405 Datasheet
574Kb / 9P
600mA Step-down DC/DC Converter with Synchronous Rectifier
Rev 1
logo
Union Semiconductor, In...
UM3500 UNIONSEMI-UM3500_16 Datasheet
450Kb / 11P
600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
UM3501 UNIONSEMI-UM3501_15 Datasheet
445Kb / 11P
600mA, 1.2MHz, Synchronous Step-Down DC-DC Converter
logo
ACE Technology Co., LTD...
ACE7551U ACE-ACE7551U Datasheet
180Kb / 3P
600mA, 1.2MHz, Synchronous Step-Down DC-DC Converter
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com