Electronic Components Datasheet Search
  English  ▼

X  

AP3403 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP3403
Description  600mA STEP-DOWN DC/DC CONVERTER WITH SYNCHRONOUS RECTIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3403 Datasheet(HTML) 6 Page - Diodes Incorporated

  AP3403 Datasheet HTML 1Page - Diodes Incorporated AP3403 Datasheet HTML 2Page - Diodes Incorporated AP3403 Datasheet HTML 3Page - Diodes Incorporated AP3403 Datasheet HTML 4Page - Diodes Incorporated AP3403 Datasheet HTML 5Page - Diodes Incorporated AP3403 Datasheet HTML 6Page - Diodes Incorporated AP3403 Datasheet HTML 7Page - Diodes Incorporated AP3403 Datasheet HTML 8Page - Diodes Incorporated AP3403 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
AP3403
Document number: DS36839 Rev. 3 - 2
6 of 9
www.diodes.com
May 2015
© Diodes Incorporated
AP3403
A Product Line of
Diodes Incorporated
Performance Characteristics (Cont. TA = +25ºC, VIN = 3.6V, VOUT = 1.8V, unless otherwise specified.)
Output Ripple (IOUT = 0A)
Output Ripple (IOUT = 0.6A)
Enable Turn on Characteristic
Enable Turn off Characteristic
(Resistance Load, RLOAD = 3Ω)
(Resistance Load, RLOAD = 3Ω)
Short Current Protection
SCP Recovery
(Resistance Load, RLOAD =3Ω)
(Resistance Load, RLOAD = 3Ω)
VSW
5V/div
VOUT-AC
20mV/div
IL
500mA/div
VSW
2V/div
VOUT-AC
20mV/div
IL
500mA/div
VEN
2V/div
VOUT
2V/div
VSW
1V/div
VEN
2V/div
VOUT
2V/div
VSW
1V/div
VOUT
1V/div
IL
500mA/div
VSW
2V/div
VOUT
1V/div
IL
500mA/div
VSW
2V/div
Time 1.6ms/div
Time 1µs/div
Time 50µs/div
Time 50µs/div
Time 200µs/div
Time 200µs/div



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com