Electronic Components Datasheet Search
  English  ▼

X  

AP3403 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP3403
Description  600mA STEP-DOWN DC/DC CONVERTER WITH SYNCHRONOUS RECTIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3403 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP3403 Datasheet HTML 1Page - Diodes Incorporated AP3403 Datasheet HTML 2Page - Diodes Incorporated AP3403 Datasheet HTML 3Page - Diodes Incorporated AP3403 Datasheet HTML 4Page - Diodes Incorporated AP3403 Datasheet HTML 5Page - Diodes Incorporated AP3403 Datasheet HTML 6Page - Diodes Incorporated AP3403 Datasheet HTML 7Page - Diodes Incorporated AP3403 Datasheet HTML 8Page - Diodes Incorporated AP3403 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
AP3403
Document number: DS36839 Rev. 3 - 2
3 of 9
www.diodes.com
May 2015
© Diodes Incorporated
AP3403
A Product Line of
Diodes Incorporated
Absolute Maximum Ratings (Note 4)
Symbol
Parameter
Rating
Unit
VIN
VIN Input Voltage
-0.3 to 6.5
V
VSW
SW Pin Voltage
-0.3 to VIN + 0.3
V
VEN
EN Pin Input Voltage
-0.3 to 6.5
V
VFB
VFB Pin Voltage
-0.3 to 6.5
V
ISW
SW Pin Output Current
1
A
PD
Power Dissipation (Standard Land Pattern)
640
mW
TSTG
Storage Temperature Range
-55 to +125
°C
VHBM
ESD (Human Body Model)
2000
V
Note 4:
Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “Recommended Operating Conditions” is not implied.
Exposure to “Absolute Maximum Ratings” for extended periods may affect device reliability.
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Min
Max
Unit
VIN
Input Voltage
2.3
5.5
V
TA
Operating Ambient Temperature
-40
+85
ºC



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com