Electronic Components Datasheet Search
  English  ▼

X  

AP3405 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP3405
Description  600mA Step-down DC/DC Converter with Synchronous Rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3405 Datasheet(HTML) 8 Page - Diodes Incorporated

  AP3405 Datasheet HTML 1Page - Diodes Incorporated AP3405 Datasheet HTML 2Page - Diodes Incorporated AP3405 Datasheet HTML 3Page - Diodes Incorporated AP3405 Datasheet HTML 4Page - Diodes Incorporated AP3405 Datasheet HTML 5Page - Diodes Incorporated AP3405 Datasheet HTML 6Page - Diodes Incorporated AP3405 Datasheet HTML 7Page - Diodes Incorporated AP3405 Datasheet HTML 8Page - Diodes Incorporated AP3405 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
AP3405
Document number: DS38093 Rev. 1 - 2
8 of 9
www.diodes.com
January 2016
© Diodes Incorporated
AP3405
Package Outline Dimensions (All dimensions in mm.)
Please see AP02001 at http://www.diodes.com/_files/datasheets/ap02001.pdf for the latest version.
(1)
Package Type: U-DFN2020-8 (Type E)
A
A1
A3
Seating Plane
D
D2
E
e
b
L
E2
E2/2
Pin #1 ID
z
D2/2
R0.
200
R0.
120
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/_files/datasheets/ap02001.pdf for the latest version.
(1)
Package Type: U-DFN2020-8 (Type E)
X2
Y2
X
Y
C
Y1
X1
G
G
U-DFN2020-8
(Type E)
Dim
Min
Max
Typ
A
0.50
0.60
0.56
A1
0.00
0.05
0.02
A3
-
-
0.203
b
0.20
0.30
0.25
D
1.950
2.075
2.00
D2
1.60
1.80
1.70
e
0.500 BSC
E
1.950
2.075
2.00
E2
0.80
1.00
0.90
L
0.25
0.35
0.30
z
-
-
0.125
All Dimensions in mm
Dimensions
Value
(in mm)
C
0.500
G
0.150
X
0.350
X1
1.800
X2
1.850
Y
0.500
Y1
1.000
Y2
2.300



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com