Electronic Components Datasheet Search
  English  ▼

X  

AP3405 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP3405
Description  600mA Step-down DC/DC Converter with Synchronous Rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3405 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP3405 Datasheet HTML 1Page - Diodes Incorporated AP3405 Datasheet HTML 2Page - Diodes Incorporated AP3405 Datasheet HTML 3Page - Diodes Incorporated AP3405 Datasheet HTML 4Page - Diodes Incorporated AP3405 Datasheet HTML 5Page - Diodes Incorporated AP3405 Datasheet HTML 6Page - Diodes Incorporated AP3405 Datasheet HTML 7Page - Diodes Incorporated AP3405 Datasheet HTML 8Page - Diodes Incorporated AP3405 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
AP3405
Document number: DS38093 Rev. 1 - 2
2 of 9
www.diodes.com
January 2016
© Diodes Incorporated
AP3405
Pin Descriptions
Pin Number
Pin Name
Function
1 , 2
NC
No connection
3
AGND
Signal Ground Pin
4
PGND
Power Ground Pin
5
SW
Power switch output pin. This pin is connected to the inductor.
6
VIN
Supply power input pin. A capacitor should be connected between VIN pin and GND - to keep the input
voltage constant.
7
FB
Feedback pin. This pin is connected to an external resistor divider to program the system output voltage.
8
EN
Control input pin. EN is a digital input that turns the regulator on or off. Drive EN high to turn the regulator
on. Drive low to turn the regulator off.
Functional Block Diagram
8
7
4
5
SW
PGND
Error
Amplifier
FB
EN
PWM
Comparator
Buffer &
Dead Time
Control
Logic
Control
Logic
Current
Sensing
Reverse Inductor
Current Comparator
Vin OVP Comparator
Oscillator
Slope
Compensation
OCP
Comparator
Soft
Start
Bias
Generator
Shutdown
Comparator
Bandgap
Reference
UVLO
6
VIN
3
AGND



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com