Electronic Components Datasheet Search
  English  ▼

X  

AP3405 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP3405
Description  600mA Step-down DC/DC Converter with Synchronous Rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3405 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP3405 Datasheet HTML 1Page - Diodes Incorporated AP3405 Datasheet HTML 2Page - Diodes Incorporated AP3405 Datasheet HTML 3Page - Diodes Incorporated AP3405 Datasheet HTML 4Page - Diodes Incorporated AP3405 Datasheet HTML 5Page - Diodes Incorporated AP3405 Datasheet HTML 6Page - Diodes Incorporated AP3405 Datasheet HTML 7Page - Diodes Incorporated AP3405 Datasheet HTML 8Page - Diodes Incorporated AP3405 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
AP3405
Document number: DS38093 Rev. 1 - 2
1 of 9
www.diodes.com
January 2016
© Diodes Incorporated
AP3405
600mA Step-down DC/DC Converter with Synchronous Rectifier
Description
The AP3405 is a 2.0MHz fixed frequency, current mode, PWM
synchronous buck (step-down) DC-DC converter, capable of driving a
600mA load with high efficiency, excellent line and load regulation.
The high efficiency is easily configured by using an inductor, resistors
and capacitors as the external components. Current mode control
provides fast transient response and cycle-by-cycle current limit.
The AP3405 employs complete protection to ensure system security,
including input Undervoltage Lockout, Over-Temperature Protection
and hiccup mode Short Circuit Protection.
This IC is available in U-DFN2020-8 package.
Features
High-Efficiency Buck Power Converter
Input Voltage Range: 2.3V to 5.5V
Output Voltage Range: 0.7V to 5.5V
Fixed 2.0MHz Oscillator Frequency
Built-in Soft-Start Time
Built-in Overcurrent Protection
Built-in Thermal Shutdown Function
Built-in UVLO Function
Hiccup Mode SCP
Output Current: 600mA
Package: U-DFN2020-8 (Type E)
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
(Top View)
1
Pin 1 Mark
2
4
8
7
5
EP
NC
NC
PGND
EN
FB
SW
3
6
AGND
VIN
U-DFN2020-8 (Type E)
Applications
Post DC-DC Voltage Regulation
Mobile Phones and Wearable Devices
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diod
es Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
Typical Applications Circuit
L 2.2
μH
VIN
CIN
4.7
μF
ON/OFF
VIN
EN
SW
FB
AGND
PGND
VOUT 1.8V
COUT
10
μF
R1
240K
Ω
R2
120K
Ω
Cff
22pF
AP3405
8
3
4
5
6
7


Similar Part No. - AP3405

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP3405GH-HF A-POWER-AP3405GH-HF Datasheet
98Kb / 4P
Lower Gate Charge, Simple Drive Requirement
AP3405GH-HF A-POWER-AP3405GH-HF_14 Datasheet
98Kb / 4P
Simple Drive Requirement
More results

Similar Description - AP3405

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2102 AD-ADP2102 Datasheet
230Kb / 7P
600mA 3MHz Synchronous Step-Down DC-DC Converter
logo
Silan Microelectronics ...
SC46208 SILAN-SC46208 Datasheet
547Kb / 10P
1.25MHz, 600mA, HIGH EFFICIENCY SYNCHRONOUS STEP-DOWN DC-DC CONVERTER
logo
Union Semiconductor, In...
UM3500 UNIONSEMI-UM3500 Datasheet
368Kb / 11P
600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
UM3521DA UNIONSEMI-UM3521DA Datasheet
609Kb / 10P
600mA, 2.25MHz, Synchronous Step-Down DC-DC Converter
UM3501 UNIONSEMI-UM3501 Datasheet
382Kb / 11P
600mA, 1.2MHz, Synchronous Step-Down DC-DC Converter
logo
Analog Microelectronics
AME5252 AME-AME5252 Datasheet
158Kb / 18P
Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Converter
logo
Diodes Incorporated
AP3403 DIODES-AP3403 Datasheet
598Kb / 9P
600mA STEP-DOWN DC/DC CONVERTER WITH SYNCHRONOUS RECTIFIER
Rev 3
logo
Union Semiconductor, In...
UM3500 UNIONSEMI-UM3500_16 Datasheet
450Kb / 11P
600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
UM3501 UNIONSEMI-UM3501_15 Datasheet
445Kb / 11P
600mA, 1.2MHz, Synchronous Step-Down DC-DC Converter
logo
ACE Technology Co., LTD...
ACE7551U ACE-ACE7551U Datasheet
180Kb / 3P
600mA, 1.2MHz, Synchronous Step-Down DC-DC Converter
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com