Electronic Components Datasheet Search
  English  ▼

X  

AP3405 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP3405
Description  600mA Step-down DC/DC Converter with Synchronous Rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3405 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP3405 Datasheet HTML 1Page - Diodes Incorporated AP3405 Datasheet HTML 2Page - Diodes Incorporated AP3405 Datasheet HTML 3Page - Diodes Incorporated AP3405 Datasheet HTML 4Page - Diodes Incorporated AP3405 Datasheet HTML 5Page - Diodes Incorporated AP3405 Datasheet HTML 6Page - Diodes Incorporated AP3405 Datasheet HTML 7Page - Diodes Incorporated AP3405 Datasheet HTML 8Page - Diodes Incorporated AP3405 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AP3405
Document number: DS38093 Rev. 1 - 2
4 of 9
www.diodes.com
January 2016
© Diodes Incorporated
AP3405
Electrical Characteristics (VIN = VEN = 3.6V (VOUT ≤ 2.6V), VIN = VEN = VOUT+1V (VOUT > 2.6V), unless otherwise specified.
Specification with standard typeface are for TA = +25°C, and those in boldface type apply over the full operating temperature range (TA = -40°C to
+85°C))
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIN
Input Voltage
1.0V ≤ VOUT
2.3
–
5.5
V
0.9V ≤ VOUT < 1.0V
2.3
–
5.25
0.7V ≤ VOUT < 0.9V
2.3
–
4.5
IDD
Supply Current
VIN = VEN = VFB = 3.6V
–
32
45
µA
ISTDB
Standby Current
VIN = 5.5V, VEN = 0V
–
0
5
µA
VUVLO
Input UVLO Threshold
VIN Rising
2.0
2.1
2.2
V
VHYS
Input UVLO Hysteresis
–
–
0.1
–
V
VENH
EN Active Threshold Voltage
VIN = 5.5V
1.0
–
–
V
VENL
EN Shutdown Threshold Voltage
VIN = 2.3V
–
–
0.4
V
VFB
Feedback Voltage
VIN = VEN = 3.6V
0.591
0.600
0.609
V
IFBH
FB High Input Current
VIN = VFB = 5.5V
VEN = 0V
-1
0
1
µA
IFBL
FB Low Input Current
VEN = VFB = 0V
VIN = 5.5V
-1
0
1
µA
RONH
High-Side Switch On-Resistance
VIN = 3.6V
ISW = 100mA
–
380
–
mΩ
RONL
Low-Side Switch On-Resistance
VIN = 3.6V
ISW = 100mA
–
300
–
mΩ
ILIMH
SW Current Limit
VIN = VEN = 3.6V
800
1,000
–
mA
fOSC
Oscillator Frequency
–
1.7
2.0
2.3
MHz
DMAX
Maximum Duty Cycle
–
100
–
–
%
TOTSD
Thermal Shutdown
–
–
+140
–
°C
THYS
Thermal Shutdown Hysteresis
–
–
+40
–
°C
tSS
Soft-Start Time
VIN = VEN = 3.6V
–
150
300
µs



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com