Electronic Components Datasheet Search
  English  ▼

X  

AP3598A Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP3598A
Description  COMPACT DUAL-PHASE SYNCHRONOUS-RECTIFIED BUCK CONTROLLER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3598A Datasheet(HTML) 5 Page - Diodes Incorporated

  AP3598A Datasheet HTML 1Page - Diodes Incorporated AP3598A Datasheet HTML 2Page - Diodes Incorporated AP3598A Datasheet HTML 3Page - Diodes Incorporated AP3598A Datasheet HTML 4Page - Diodes Incorporated AP3598A Datasheet HTML 5Page - Diodes Incorporated AP3598A Datasheet HTML 6Page - Diodes Incorporated AP3598A Datasheet HTML 7Page - Diodes Incorporated AP3598A Datasheet HTML 8Page - Diodes Incorporated AP3598A Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
AP3598A
Document number: DS37261 Rev. 2 - 2
5 of 28
www.diodes.com
November 2014
© Diodes Incorporated
AP3598A
A Product Line of
Diodes Incorporated
Absolute Maximum Ratings (Note 5)
Symbol
Parameter
Rating
Unit
VCC, VPCC
VCC, PVCC Pin Voltage
-0.3 to 15
V
VPHASE1, VPHASE2
PHASE to GND Voltage
<200ns
-5 to 32
V
>200ns
-0.3 to 26
VBOOT1_PHASE1,
VBOOT2_PHASE2
BOOT to PHASE Voltage
-0.3 to 15
V
VBOOT1, VBOOT2
BOOT to GND Voltage
<200ns
-0.3 to 42
V
>200ns
-0.3 to 30
VHGATE1, VHGATE2
HGATE to PHASE Voltage
<200ns
-5 to VBOOT_PHASEx+5
V
>200ns
-0.3 to
VBOOT_PHASEx+0.3
VLGATE1, VLGATE2
LGATE to GND Voltage
<200ns
-5 to VIN+5
V
>200ns
-0.3 to VIN+0.3
–
Other Input, Output or I/O Pin Voltage
0 to 6
V
θJA
Thermal Resistance
40
ºC/W
PD
Power Dissipation (TA = +25ºC)
2.5
W
TJ
Operating Junction Temperature Range
-40 to +150
ºC
TSTG
Storage Temperature
-65 to +150
ºC
TLEAD
Lead Temperature (Soldering, 10sec)
+260
ºC
–
ESD(Machine Model)
200
V
–
ESD(Human Body Model)
2000
V
Note 5:
Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond t
hose indicated under “Recommended Operating Conditions” is not implied.
Exposure to “Absolute Maximum Ratings” for extended periods may affect device reliability.
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VCC, VPCC
Supply Input Voltage
4.5
13.2
V
VOUT
Output Voltage
0.3
2
V
TA
Operating Ambient Temperature
-40
+85
ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com