Electronic Components Datasheet Search
  English  ▼

X  

AP3598A Datasheet(PDF) 16 Page - Diodes Incorporated

Part # AP3598A
Description  COMPACT DUAL-PHASE SYNCHRONOUS-RECTIFIED BUCK CONTROLLER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3598A Datasheet(HTML) 16 Page - Diodes Incorporated

Back Button AP3598A Datasheet HTML 12Page - Diodes Incorporated AP3598A Datasheet HTML 13Page - Diodes Incorporated AP3598A Datasheet HTML 14Page - Diodes Incorporated AP3598A Datasheet HTML 15Page - Diodes Incorporated AP3598A Datasheet HTML 16Page - Diodes Incorporated AP3598A Datasheet HTML 17Page - Diodes Incorporated AP3598A Datasheet HTML 18Page - Diodes Incorporated AP3598A Datasheet HTML 19Page - Diodes Incorporated AP3598A Datasheet HTML 20Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
AP3598A
Document number: DS37261 Rev. 2 - 2
16 of 28
www.diodes.com
November 2014
© Diodes Incorporated
AP3598A
A Product Line of
Diodes Incorporated
Application Information (Cont.)
GND
GND
GND
IN
PWM
VCC
GND
NC
OE
RREFADJ
CREFIN
RVREF1
REFIN
RVREF2
VREF
A
Buffer
Figure 6. PWM-VID Analog Circuit Diagram
Spec Description
Output Voltage Equation
NMAX: Total available voltage step number
–
N: The step number of the specific VOUT, N/NMAX ratio equals duty cycle
–
VMAX: The output voltage of REFIN at one hundred percent duty cycle
)
||
(
R
R
1
VREF2
VREF2
REF
REFADJ
VREF
R
R
V
VMIN: The output voltage of REFIN at zero percent duty cycle
)
||
(
R
||
2
VREF1
2
REF
REFADJ
VREF
REFADJ
VREF
R
R
R
R
V
VSTEP: The resolution of the voltage step
MAX
MIN
MAX
V
-
V
N
VOUT: The output voltage at REFIN
STEP
MIN
V
N
V
fSWVID: The dynamic voltage VID frequency
MAX
1
N
t
U
Table 4. REFIN Dynamic Range
There will be some ripple voltage at REFIN due to the nature of the PWM and filter. The error amplifier at REFIN will be able to tolerate a
reasonable amount of Ripple Voltage.
12.2 Integrating the Buffer
Figure 7 shows a dynamic voltage control circuit with the integrated buffer. This defines the implementation of the VID and REFADJ functions.
IN
GND
GND
GND
GND
GND
IN
PWM
VID
VREF
REFIN
REFADJ
RREFADJ
CREFIN
R15
RSTANDBY
Q5
D
S
G
GND
A
VCC
OE
O
NC
Buffer
External
Control
VSTANDBY
Block
RVREF1
Controller
Figure 7. Integrated Buffer Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com