Electronic Components Datasheet Search
  English  ▼

X  

AP3598A Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AP3598A
Description  COMPACT DUAL-PHASE SYNCHRONOUS-RECTIFIED BUCK CONTROLLER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3598A Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AP3598A Datasheet HTML 5Page - Diodes Incorporated AP3598A Datasheet HTML 6Page - Diodes Incorporated AP3598A Datasheet HTML 7Page - Diodes Incorporated AP3598A Datasheet HTML 8Page - Diodes Incorporated AP3598A Datasheet HTML 9Page - Diodes Incorporated AP3598A Datasheet HTML 10Page - Diodes Incorporated AP3598A Datasheet HTML 11Page - Diodes Incorporated AP3598A Datasheet HTML 12Page - Diodes Incorporated AP3598A Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
AP3598A
Document number: DS37261 Rev. 2 - 2
9 of 28
www.diodes.com
November 2014
© Diodes Incorporated
AP3598A
A Product Line of
Diodes Incorporated
Performance Characteristics (Cont.)
VREF vs. Temperature
VOUT vs. Duty Cycle
EN On Waveform
EN On Waveform
(VIN=12V, VOUT=1.0V, IOUT=0A)
(VIN=12V, VOUT=1.0V, IOUT=60A)
EN Off Waveform
EN Off Waveform
(VIN=12V, VOUT=1.0V, IOUT=0A)
(VIN=12V, VOUT=1.0V, IOUT=60A)
-40
-20
0
20
40
60
80
100
120
140
1.970
1.975
1.980
1.985
1.990
1.995
2.000
2.005
2.010
Temperature (
oC)
0
20
40
60
80
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Duty Cycle (%)
Time 400µs/div
VEN
2V/div
VOUT
0.5V/div
VPHASE1
10V/div
VPHASE2
10V/div
VEN
2V/div
VOUT
0.5V/div
VPHASE1
10V/div
VPHASE2
10V/div
Time 400µs/div
VEN
2V/div
VOUT
0.5V/div
VPHASE1
10V/div
VPHASE2
10V/div
VEN
2V/div
VOUT
0.5V/div
VPHASE1
10V/div
VPHASE2
10V/div
Time 400µs/div
Time 400µs/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com