Electronic Components Datasheet Search
  English  ▼

X  

AP3598A Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP3598A
Description  COMPACT DUAL-PHASE SYNCHRONOUS-RECTIFIED BUCK CONTROLLER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3598A Datasheet(HTML) 1 Page - Diodes Incorporated

  AP3598A Datasheet HTML 1Page - Diodes Incorporated AP3598A Datasheet HTML 2Page - Diodes Incorporated AP3598A Datasheet HTML 3Page - Diodes Incorporated AP3598A Datasheet HTML 4Page - Diodes Incorporated AP3598A Datasheet HTML 5Page - Diodes Incorporated AP3598A Datasheet HTML 6Page - Diodes Incorporated AP3598A Datasheet HTML 7Page - Diodes Incorporated AP3598A Datasheet HTML 8Page - Diodes Incorporated AP3598A Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
AP3598A
Document number: DS37261 Rev. 2 - 2
1 of 28
www.diodes.com
November 2014
© Diodes Incorporated
AP3598A
A Product Line of
Diodes Incorporated
COMPACT DUAL-PHASE SYNCHRONOUS-RECTIFIED BUCK CONTROLLER
Description
The AP3598A is a dual-phase synchronous buck PWM controller with
integrated drivers which are optimized for high performance graphic
card and computer applications. The IC is capable of delivering up to
60A output current capability, supporting 12V MOSFET drivers with
internal bootstrap diodes.
The dynamic output voltage could be implemented by analog method
with a switching device and a resistor network. The adjustable current
balance is achieved by RDS(ON) current sensing technique.
The AP3598A provides over current protection, input/output under
voltage protection, over voltage protection and over temperature
protection.
Other features include adjustable soft start, adjustable operation
frequency and so on. With aforementioned functions, the IC adopts U-
QFN4040-24 package.
Features
Operate with Single Supply Voltage
Reference Voltage Output with 1% Accuracy
Simple Single Loop Voltage Mode Control
12V Bootstrapped Drivers with Internal Boot-strap Diodes
Adjustable Current Balancing by RDS(ON) Current Sensing
Adjustable Operation Frequency from 200kHz to7500kHz Per
Phase
External Compensation
Dynamic Output Voltage Adjustment
Adjustable Soft Start
Built-in UV and OV Protection Function
Built-in Over Current Protection
Built-in Thermal Shutdown Function
U-QFN4040-24 Package
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
(Top View)
U-QFN4040-24
Applications
Middle-High End Graphic Card
Generic Desktop and Consumer Electronics
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
REFADJ
VID
PSI
EN
HGATE1
BOOT1
BOOT2
HGATE2
PGOOD
VCC
TALERT#
TSNS
Pin 1 Mark
THERM/
GND
1
10
2
3
4
5
6
7
8
9
11 12
13
14
15
16
17
18
19
20
21
22
23
24
25


Similar Part No. - AP3598A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3591 DIODES-AP3591 Datasheet
689Kb / 18P
SINGLE PHASE SYNCHRONOUS BUCK CONTROLLER
Rev 1
AP3591FNTR-G1 DIODES-AP3591FNTR-G1 Datasheet
689Kb / 18P
SINGLE PHASE SYNCHRONOUS BUCK CONTROLLER
Rev 1
AP3595 DIODES-AP3595 Datasheet
1Mb / 23P
DUAL PHASE SYNCHRONOUS RECTIFIED BUCK CONTROLLER
Rev 1
AP3595FNTR-G1 DIODES-AP3595FNTR-G1 Datasheet
1Mb / 23P
DUAL PHASE SYNCHRONOUS RECTIFIED BUCK CONTROLLER
Rev 1
More results

Similar Description - AP3598A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3595 DIODES-AP3595 Datasheet
1Mb / 23P
DUAL PHASE SYNCHRONOUS RECTIFIED BUCK CONTROLLER
Rev 1
logo
uPI Group Inc.
UP1541R UPI-UP1541R Datasheet
221Kb / 14P
Synchronous-Rectified Buck Controller
UP3861P UPI-UP3861P Datasheet
235Kb / 17P
Dual Channel Interleaved Synchronous-Rectified Buck Controller
UP9510 UPI-UP9510 Datasheet
374Kb / 19P
3/2/1-Phase Synchronous-Rectified Buck Controller
UP1536 UPI-UP1536 Datasheet
184Kb / 10P
Synchronous-Rectified Buck Controller
UP1637 UPI-UP1637 Datasheet
387Kb / 24P
Phase Synchronous-Rectified Buck Controller
UP1666Q UPI-UP1666Q Datasheet
417Kb / 18P
2-Phase Synchronous-Rectified Buck Controller
UP9511S UPI-UP9511S Datasheet
371Kb / 19P
Phase Synchronous-Rectified Buck Controller
UP6204 UPI-UP6204 Datasheet
337Kb / 19P
Compact Three-Phase Synchronous-Rectified Buck Controller
UP1605 UPI-UP1605 Datasheet
323Kb / 23P
Compact Dual-Phase Synchronous-Rectified Buck Controller
Jun. 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com