Electronic Components Datasheet Search
  English  ▼

X  

AP3785T Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP3785T
Description  PRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3785T Datasheet(HTML) 5 Page - Diodes Incorporated

  AP3785T Datasheet HTML 1Page - Diodes Incorporated AP3785T Datasheet HTML 2Page - Diodes Incorporated AP3785T Datasheet HTML 3Page - Diodes Incorporated AP3785T Datasheet HTML 4Page - Diodes Incorporated AP3785T Datasheet HTML 5Page - Diodes Incorporated AP3785T Datasheet HTML 6Page - Diodes Incorporated AP3785T Datasheet HTML 7Page - Diodes Incorporated AP3785T Datasheet HTML 8Page - Diodes Incorporated AP3785T Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
AP3785T
Document number: DS37552 Rev. 4 - 2
5 of 18
www.diodes.com
September 2015
© Diodes Incorporated
AP3785T
Absolute Maximum Ratings (Note 5)
Symbol
Parameter
Rating
Unit
VCC
Voltage at VCC to GND
-0.3 to 30
V
–
Voltage at OUT, EM to GND
-0.3 to 22
V
–
Voltage at CS, CBC,OTP to GND
-0.3 to 7.4
V
VFB
FB Input Voltage
-0.7 to 7.4
V
TJ
Operating Junction Temperature
-40 to +150
ºC
TSTG
Storage Temperature
-65 to +150
ºC
TLEAD
Lead Temperature (Soldering, 10 sec)
+300
ºC
θ
JC
Thermal Resistance (Junction to Case)
20
ºC/W
θ
JA
Thermal Resistance (Junction to Ambient)
(
Note 6)
100
ºC/W
–
ESD (Human Body Model)
4000
V
–
ESD (Machine Model)
200
V
Notes:
5.
Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “Recommended Operating Conditions” is not implied.
Exposure to “Absolute Maximum Ratings” for extended periods may affect device reliability.
6. The device is mounted on FR-4 substrate PCB, 2 oz copper, with 1 inch
2 pad.
Electrical Characteristics (@V
CC=15V, TA=+25°
C, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
STARTUP AND UVLO SECTION
VTH_ST
Startup Threshold
–
11
13
15
V
VOPR(MIN)
Minimum Operating Voltage
–
5.5
5.9
6.3
V
STANDBY CURRENT SECTION
IST
Startup Current
VCC=VTH_ST-1V before
startup
0
0.2
0.6
A
ICC_NL
Standby Current
At no load
5
17.5
30
ICC_OPR
Operating Current
Static current
350
450
550
DRIVING OUTPUT SECTION
VGATE
Gate Voltage
–
9
10.5
12
V
ISOURCE_PEAK
Peak Driver Source Current
–
15
20.5
26
mA
RDS(ON)
Sink Resistance
–
2
2.3
2.6




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com