Electronic Components Datasheet Search
  English  ▼

X  

AP3785T Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP3785T
Description  PRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3785T Datasheet(HTML) 4 Page - Diodes Incorporated

  AP3785T Datasheet HTML 1Page - Diodes Incorporated AP3785T Datasheet HTML 2Page - Diodes Incorporated AP3785T Datasheet HTML 3Page - Diodes Incorporated AP3785T Datasheet HTML 4Page - Diodes Incorporated AP3785T Datasheet HTML 5Page - Diodes Incorporated AP3785T Datasheet HTML 6Page - Diodes Incorporated AP3785T Datasheet HTML 7Page - Diodes Incorporated AP3785T Datasheet HTML 8Page - Diodes Incorporated AP3785T Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
AP3785T
Document number: DS37552 Rev. 4 - 2
4 of 18
www.diodes.com
September 2015
© Diodes Incorporated
AP3785T
Functional Block Diagram
Regulator
&
Bias
&
Latch
PFM
tONS
OTP
UVLO
CV_CTRL
PFM
Valley
ON
R
Q
S
R
Q
S
CC_ CTRL
FB
CBC
VCC
OUT
GND
Cable
Compensation
Constant Voltage
Control
Constant Current
Control
tONS
Detector
0.1V
3
5
7
8
VCS_REF
COMP
EA
Peak Current
Control & LEB
tONS
Dynamic
Response
Pro
Dyn
CC_CTRL
DAC
Shutdown
Line
Compensation
EM
2
4
CS
1
No Load
Detection
tDELAY
tDELAY
NL
Dmin
NL
VCS
Auto-recovery
LVCC
VCS
DAC
VLOAD
VLOAD
VREF
VCABLE
COMP
VCS(MAX)
VDD
Dyn
tDELAY
Enable
0.1V
tONP
RCS Short Protection
Driver
VLINE
External OTP/
OTP/VCC OVP/
FB OVP/CBC short
OTP
Fast Auto-recovery
6
RCS Short Protection
SCP
RCS Short Protection
Transformer Saturation
Protection
OCKP
Pro
Transformer Saturation
Protection
Transformer Saturation
Protection
FB up_resistance open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com