Electronic Components Datasheet Search
  English  ▼

X  

AP3785T Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP3785T
Description  PRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3785T Datasheet(HTML) 1 Page - Diodes Incorporated

  AP3785T Datasheet HTML 1Page - Diodes Incorporated AP3785T Datasheet HTML 2Page - Diodes Incorporated AP3785T Datasheet HTML 3Page - Diodes Incorporated AP3785T Datasheet HTML 4Page - Diodes Incorporated AP3785T Datasheet HTML 5Page - Diodes Incorporated AP3785T Datasheet HTML 6Page - Diodes Incorporated AP3785T Datasheet HTML 7Page - Diodes Incorporated AP3785T Datasheet HTML 8Page - Diodes Incorporated AP3785T Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
AP3785T
Document number: DS37552 Rev. 4 - 2
1 of 18
www.diodes.com
September 2015
© Diodes Incorporated
AP3785T
PRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
Description
The AP3785T is a high performance AC/DC power supply controller
for battery charger and adapter applications. It can meet less than
10
mW standby power for “Super Star” charger criteria. The device
uses
Pulse
Frequency
Modulation
(PFM)
method
to
build
discontinuous conduction mode (DCM) flyback power supplies.
The AP3785T provides accurate constant voltage (CV), constant
current (CC) and outstanding dynamic performance without requiring
an opto-coupler. It also eliminates the need of loop compensation
circuitry while maintaining stability.
The AP3785T is equipped with both cable drop compensation
function to meet various cables with different lengths and gauges and
adjustable line voltage compensation function.
When AP3785T is used with AP4341 or synchronous rectifier series
(for example APR343 + MOSFET, APR3415, APR34330), better
under-shoot performance and higher conversion efficiency can be
achieved.
The AP3785T has internal over temperature protection for itself, and
also provides dedicated pin for external over temperature protection.
This IC is available in SO-8 package.
Applications
Adapter/Chargers for Shaver, Cell/Cordless Phones, PDAs, MP3
and Other Portable Apparatus
Standby and Auxiliary Power Supplies
Pin Assignments
(Top View)
1
2
3
4
8
7
6
5
CS
EM
VCC
OUT
FB
CBC
OTP
GND
SO-8
Features
Primary Side Control for Eliminating Opto-coupler
10mW No-load Input Power
Flyback Topology in DCM Operation
External Adjustable Line Compensation for CC
External Adjustable Cable Compensation for CV
Multiple PWM/PFM Control Mode to Improve Audio Noise and
Efficiency
VCS Jitter to Reduce System EMI
Valley-on for the Higher Efficiency and Better EMI
Multiple Protections:
Over Voltage Protection (OVP)
Output Short Circuit Protection (SCP)
Transformer Saturation Protection (TSP) via Primary Peak
Current Limitation
OTP and External Over Temperature Protection (OTP)
Matching
AP4341
with
Schottky
or
APR343/APR3415
Synchronous Rectifier Solution
SO-8 Package
Totally Lead-free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free.
“Green” Device (Note 3)
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.


Similar Part No. - AP3785T

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3781 DIODES-AP3781 Datasheet
646Kb / 15P
PRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
Rev. 2 - 2 May 2020
AP3781S-13 DIODES-AP3781S-13 Datasheet
646Kb / 15P
PRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
Rev. 2 - 2 May 2020
AP3783 DIODES-AP3783 Datasheet
576Kb / 17P
PRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
Rev 6
AP3783 DIODES-AP3783 Datasheet
613Kb / 17P
PRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
Rev 8
AP3783AK6TR-G1 DIODES-AP3783AK6TR-G1 Datasheet
576Kb / 17P
PRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
Rev 6
More results

Similar Description - AP3785T

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DER-100 POWERINT-DER-100 Datasheet
691Kb / 22P
24 W Primary-side Regulated Flyback Power Supply using TOP245Y
logo
Diodes Incorporated
AP3783 DIODES-AP3783 Datasheet
576Kb / 17P
PRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
Rev 6
AP3783R DIODES-AP3783R Datasheet
589Kb / 17P
PRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
Rev 5
AP3983R DIODES-AP3983R Datasheet
696Kb / 15P
PRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
Rev 3
AP3783 DIODES-AP3783_17 Datasheet
613Kb / 17P
PRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
Rev 8
AP3783R DIODES-AP3783R_16 Datasheet
582Kb / 17P
PRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
Rev 6
AP3781 DIODES-AP3781 Datasheet
646Kb / 15P
PRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
Rev. 2 - 2 May 2020
AP3981B DIODES-AP3981B Datasheet
511Kb / 17P
PRIMARY SIDE REGULATED POWER SWITCHER
Rev. 2 - 2 May 2019
AP3981C DIODES-AP3981C Datasheet
521Kb / 16P
PRIMARY SIDE REGULATED POWER SWITCHER
Rev. 2 - 2 June 2019
AP3981D2 DIODES-AP3981D2 Datasheet
384Kb / 16P
PRIMARY SIDE REGULATED POWER SWITCHER
Rev. 2 - 2 May 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com