Electronic Components Datasheet Search
  English  ▼

X  

AP3785T Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AP3785T
Description  PRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3785T Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AP3785T Datasheet HTML 5Page - Diodes Incorporated AP3785T Datasheet HTML 6Page - Diodes Incorporated AP3785T Datasheet HTML 7Page - Diodes Incorporated AP3785T Datasheet HTML 8Page - Diodes Incorporated AP3785T Datasheet HTML 9Page - Diodes Incorporated AP3785T Datasheet HTML 10Page - Diodes Incorporated AP3785T Datasheet HTML 11Page - Diodes Incorporated AP3785T Datasheet HTML 12Page - Diodes Incorporated AP3785T Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
AP3785T
Document number: DS37552 Rev. 4 - 2
9 of 18
www.diodes.com
September 2015
© Diodes Incorporated
AP3785T
Operation Principle Description (Cont.)
3.
Constant Voltage Operation
As to constant-voltage (CV) operation mode, the AP3785T detects the auxiliary winding voltage at FB pin to regulate the output voltage. The
auxiliary winding voltage is coupled with secondary side winding voltage, so the auxiliary winding voltage during the conduction time of
secondary rectification diode D1 is:
Vd
V
N
N
V
OUT
S
AUX
AUX
(1)
Where Vd is the diode forward voltage drop.
0V
tONS
tSAMPLE
Figure 3. Auxiliary Voltage Waveform
The voltage detection point is at the tSAMPLE of the D1 on-time. The voltage detection point is changed with the different primary peak current. The
CV loop control function of AP3785T then generates a D1 off-time to regulate the output voltage.
4.
Constant Current Operation
The AP3785T can work in constant-current (CC) mode. Figure 2 shows the secondary current waveforms.
In CC operation mode, the CC control loop of AP3785T will keep a fixed proportion between D1 on-time tONS and D1 off-time tOFFS. The fixed
proportion is
4
4
t
t
OFFS
ONS
(2)
The relationship between the output current and secondary peak current IPKS is given by:
OFFS
ONS
ONS
PKS
OUT
t
t
t
I
2
1
I
(3)
As to tight coupled primary and secondary winding, the secondary peak current is
PK
S
P
PKS
I
N
N
I
(4)
Thus the output constant-current is given by:
PK
S
P
OFFS
ONS
ONS
PK
S
P
OUT
I
N
N
8
2
t
t
t
I
N
N
2
1
I
(5)
Therefore, AP3785T can realize CC mode operation by constant primary peak current and fixed diode conduction duty cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com