Electronic Components Datasheet Search
  English  ▼

X  

CP2114 Datasheet(PDF) 16 Page - Silicon Laboratories

Part # CP2114
Description  HID-TO-UART API SPECIFICATION
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CP2114 Datasheet(HTML) 16 Page - Silicon Laboratories

Back Button CP2114 Datasheet HTML 12Page - Silicon Laboratories CP2114 Datasheet HTML 13Page - Silicon Laboratories CP2114 Datasheet HTML 14Page - Silicon Laboratories CP2114 Datasheet HTML 15Page - Silicon Laboratories CP2114 Datasheet HTML 16Page - Silicon Laboratories CP2114 Datasheet HTML 17Page - Silicon Laboratories CP2114 Datasheet HTML 18Page - Silicon Laboratories CP2114 Datasheet HTML 19Page - Silicon Laboratories CP2114 Datasheet HTML 20Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 54 page
background image
AN433
16
Rev. 0.5
5.
stopBits—The number of stop bits for UART communication. Default: 1
6.
flowControl—The type of flow control for UART communication. Default: No flow control
Return Value: HID_UART_STATUS
=
HID_UART_SUCCESS
HID_UART_INVALID_PARAMETER
HID_UART_INVALID_DEVICE_OBJECT
HID_UART_DEVICE_IO_FAILED
2.21. HidUart_GetUartConfig
Description:
Gets the baud rate, data bits, parity, stop bits, and flow control. Refer to the device data sheet for a
list of supported baud rates. See "2.20. HidUart_SetUartConfig" on page 15.
Prototype:
HID_UART_STATUS
HidUart_GetUartConfig
(HID_UART_DEVICE
device,
DWORD*
baudRate,
BYTE*
dataBits,
BYTE*
parity,
BYTE*
stopBits,
BYTE*
flowControl)
Parameters:1.
device—Device object pointer as returned by HidUart_Open().
2.
baudRate—Returns the baud rate for UART communication.
3.
dataBits—Returns the number of data bits for UART communication.
4.
parity—Returns the parity for UART communication.
5.
stopBits—Returns the number of stop bits for UART communication.
6.
flowControl—Returns the type of flow control for UART communication.
Return Value: HID_UART_STATUS
=
HID_UART_SUCCESS
HID_UART_INVALID_PARAMETER
HID_UART_INVALID_DEVICE_OBJECT
HID_UART_DEVICE_IO_FAILED
Definition
Value
Description
HID_UART_SHORT_STOP_BIT
0x00
1 stop bit
HID_UART_LONG_STOP_BIT
0x01
5 data bits: 1.5 stop bits
6-8 data bits: 2 stop bits
Definition
Value
Description
HID_UART_NO_FLOW_CONTROL
0x00
No flow control
HID_UART_RTS_CTS_FLOW_CONTROL
0x01
RTS/CTS hardware flow
control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com