Electronic Components Datasheet Search
  English  ▼

X  

CP2114 Datasheet(PDF) 32 Page - Silicon Laboratories

Part # CP2114
Description  HID-TO-UART API SPECIFICATION
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CP2114 Datasheet(HTML) 32 Page - Silicon Laboratories

Back Button CP2114 Datasheet HTML 28Page - Silicon Laboratories CP2114 Datasheet HTML 29Page - Silicon Laboratories CP2114 Datasheet HTML 30Page - Silicon Laboratories CP2114 Datasheet HTML 31Page - Silicon Laboratories CP2114 Datasheet HTML 32Page - Silicon Laboratories CP2114 Datasheet HTML 33Page - Silicon Laboratories CP2114 Datasheet HTML 34Page - Silicon Laboratories CP2114 Datasheet HTML 35Page - Silicon Laboratories CP2114 Datasheet HTML 36Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 54 page
background image
AN433
32
Rev. 0.5
5.
suspendMode—Specifies the mode for each GPIO pin when the device is in a suspend state.
Bit
Definition
Bit Mask
Description
0
CP2110_MASK_GPIO_0_CLK
0x0001
GPIO.0/CLK
1
CP2110_ MASK_GPIO_1_RTS
0x0002
GPIO.1/RTS
2
CP2110_ MASK_GPIO_2_CTS
0x0004
GPIO.2/CTS
3
CP2110_ MASK_GPIO_3_RS485
0x0008
GPIO.3/RS485
4
CP2110_ MASK_TX
0x0010
TX
5
CP2110_ MASK_RX
0x0020
RX
6
CP2110_ MASK_GPIO_4_TX_TOGGLE
0x0040
TX Toggle
7
CP2110_ MASK_GPIO_5_RX_TOGGLE
0x0080
RX Toggle
8
CP2110_MASK_SUSPEND_BAR
0x0100
Suspend
9N/A
10
CP2110_ MASK_GPIO_6
0x0400
GPIO.6
11
CP2110_ MASK_GPIO_7
0x0800
GPIO.7
12
CP2110_ MASK_GPIO_8
0x1000
GPIO.8
13
CP2110_ MASK_GPIO_9
0x2000
GPIO.9
14
CP2110_MASK_SUSPEND
0x4000
Suspend
15
N/A
Definition
Bit Value
Description
HID_UART_VALUE_SUSPEND_LO
0
Latch = 0 in suspend
HID_UART_VALUE_SUSPEND_HI
1
Latch = 1 in suspend



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com