Electronic Components Datasheet Search
  English  ▼

X  

CP2114 Datasheet(PDF) 39 Page - Silicon Laboratories

Part # CP2114
Description  HID-TO-UART API SPECIFICATION
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CP2114 Datasheet(HTML) 39 Page - Silicon Laboratories

Back Button CP2114 Datasheet HTML 35Page - Silicon Laboratories CP2114 Datasheet HTML 36Page - Silicon Laboratories CP2114 Datasheet HTML 37Page - Silicon Laboratories CP2114 Datasheet HTML 38Page - Silicon Laboratories CP2114 Datasheet HTML 39Page - Silicon Laboratories CP2114 Datasheet HTML 40Page - Silicon Laboratories CP2114 Datasheet HTML 41Page - Silicon Laboratories CP2114 Datasheet HTML 42Page - Silicon Laboratories CP2114 Datasheet HTML 43Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 54 page
background image
AN433
Rev. 0.5
39
5.3. CP2114_GetPinConfig
Description:
Retrieves the GPIO mode configuration for each pin.
Prototype:
HID_UART_STATUS
CP2114_GetPinConfig(HID_UART_DEVICE
device,
BYTE*
pinConfig,
BOOL*
useSuspendValues,
WORD*
suspendValue,
WORD*
suspendMode, BYTE* clkDiv)
Parameters:1.
device—Device object pointer as returned by HidUart_Open().
2.
pinConfig—A pointer to a 14-byte array to store GPIO mode configuration or dedicated
function for each of the 14 pins.
3.
useSuspendValues—Returns the configuration for using the values in suspendValue and
suspendMode when in suspend mode. This bit is the same as bit 15 of suspendMode.
4.
suspendValue—Returns the latch value that will be driven on each GPIO pin when the device
is in a suspend state.
5.
suspendMode—Returns the mode for each GPIO pin when the device is in a suspend state.
6.
clkDiv—Divider applied to GPIO.9_CLKOUT clock output. When 0, the output frequency is
SYSCLK/(2 x 256). For 1–255, the output frequency is SYSCLK/(2 x clkDiv). SYSCLK can be
either 48 MHz or 49.152 MHz depending on the configuration.
Return Value: HID_UART_STATUS
=
HID_UART_SUCCESS
HID_UART_INVALID_DEVICE_OBJECT
HID_UART_INVALID_PARAMETER
HID_UART_DEVICE_IO_FAILED
HID_UART_DEVICE_NOT_SUPPORTED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com