Electronic Components Datasheet Search
  English  ▼

X  

CP2114 Datasheet(PDF) 45 Page - Silicon Laboratories

Part # CP2114
Description  HID-TO-UART API SPECIFICATION
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CP2114 Datasheet(HTML) 45 Page - Silicon Laboratories

Back Button CP2114 Datasheet HTML 41Page - Silicon Laboratories CP2114 Datasheet HTML 42Page - Silicon Laboratories CP2114 Datasheet HTML 43Page - Silicon Laboratories CP2114 Datasheet HTML 44Page - Silicon Laboratories CP2114 Datasheet HTML 45Page - Silicon Laboratories CP2114 Datasheet HTML 46Page - Silicon Laboratories CP2114 Datasheet HTML 47Page - Silicon Laboratories CP2114 Datasheet HTML 48Page - Silicon Laboratories CP2114 Datasheet HTML 49Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 54 page
background image
AN433
Rev. 0.5
45
5.12. CP2114_SetBootConfig
Description:
Specifies the CP2114 configuration to be loaded from OTP on boot.
Prototype:
HID_UART_STATUS
CP2114_SetBootConfig(HID_UART_DEVICE
device,
BYTE
cp2114ConfigNumber)
Parameters:1.
device—Device object pointer as returned by HidUart_Open().
2.
cp2114ConfigNumber—Configuration Index that will be set as the boot configuration upon
reset.
Return Value: HID_UART_STATUS
=
HID_UART_SUCCESS
HID_UART_INVALID_DEVICE_OBJECT
HID_UART_INVALID_PARAMETER
HID_UART_DEVICE_IO_FAILED
HID_UART_DEVICE_NOT_SUPPORTED
5.13. CP2114_ReadOTP
Description:
Returns partial or full OTP customization block. The OTP space must be within the range of 6
kilobytes from address 0x6800.
Prototype:
HID_UART_STATUSCP2114_ReadOTP(HID_UART_DEVICE device, UINT cp2114Address
,BYTE* pReadBuffer, UINT ReadLength)
Parameters:1.
device—Device object pointer as returned by HidUart_Open().
2.
cp2114Address —The OTP address to read from. This address must be in between 0x6800
and 0x7FFFF (inclusive).
3.
pReadBuffer—Pointer to a byte array buffer to store data read from OTP space.
4.
ReadLength—Length of OTP data to read in bytes.
Return Value: HID_UART_STATUS
=
HID_UART_SUCCESS
HID_UART_INVALID_DEVICE_OBJECT
HID_UART_INVALID_PARAMETER
HID_UART_DEVICE_IO_FAILED
HID_UART_DEVICE_NOT_SUPPORTED
5.14. CP2114_WriteOTP
Description:
Writes partial or full OTP customization block. The OTP space must be within the range of 6
kilobytes from address 0x6800.
Prototype:
HID_UART_STATUSCP2114_WriteOTP(HID_UART_DEVICE
device,
UINT
cp2114Address ,BYTE* pWriteBuffer, UINT writeLength)
Parameters:1.
device—Device object pointer as returned by HidUart_Open().
2.
cp2114Address —The OTP address to start writing to. This address must be in between
0x6800 and 0x7FFFF (inclusive).
3.
pWriteBuffer—Pointer to a byte array buffer that will contain values to write to the OTP space.
4.
writeLength—The length of write buffer in bytes. The maximum length is 6K bytes.
Return Value: HID_UART_STATUS
=
HID_UART_SUCCESS
HID_UART_INVALID_DEVICE_OBJECT
HID_UART_INVALID_PARAMETER
HID_UART_DEVICE_IO_FAILED
HID_UART_DEVICE_NOT_SUPPORTED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com