Electronic Components Datasheet Search
  English  ▼

X  

AH1815 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AH1815
Description  LOW SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH1815 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AH1815 Datasheet HTML 2Page - Diodes Incorporated AH1815 Datasheet HTML 3Page - Diodes Incorporated AH1815 Datasheet HTML 4Page - Diodes Incorporated AH1815 Datasheet HTML 5Page - Diodes Incorporated AH1815 Datasheet HTML 6Page - Diodes Incorporated AH1815 Datasheet HTML 7Page - Diodes Incorporated AH1815 Datasheet HTML 8Page - Diodes Incorporated AH1815 Datasheet HTML 9Page - Diodes Incorporated AH1815 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
AH1815
Document number: DS37970 Rev. 2 - 2
6 of 13
www.diodes.com
September 2015
© Diodes Incorporated
AH1815
Thermal Performance Characteristics
(1)
Package Types: SC59, SOT553 and SIP-3
TA (C)
25
50
60
70
80
85
90
100
110
120
130
140
150
PD (mW)
230
184
166
147
129
120
110
92
74
55
37
18
0
Ordering Information
AH1815 - X - X
Packing
Package
7 : Tape & Reel
W : SC59
Z : SOT553
P : SIP-3
B : Bulk (Note 13)
A : Ammo Box (Note 12)
Device
Package
Code
Packaging
Bulk
7” Tape and Reel
Ammo Box
Quantity
Part
Number Suffix
Quantity
Part
Number Suffix
Quantity
Part
Number Suffix
AH1815-P-A
P
SIP-3
NA
NA
NA
NA
4,000/Box
-A
AH1815-P-B
P
SIP-3
1000
-B
NA
NA
NA
NA
AH1815-W-7
W
SC59
NA
NA
3,000/Tape & Reel
-7
NA
NA
AH1815-Z-7
Z
SOT553
NA
NA
3,000/Tape & Reel
-7
NA
NA
Notes:
12. Ammo Box is for SIP-3 Spread Lead.
13. Bulk is for SIP-3 Straight Lead.
0
100
200
300
0
25
50
75
100
125
150
P
D (mW)
Power Dissipation Curve
-40
TA (C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com