Electronic Components Datasheet Search
  English  ▼

X  

AH1815 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AH1815
Description  LOW SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH1815 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AH1815 Datasheet HTML 3Page - Diodes Incorporated AH1815 Datasheet HTML 4Page - Diodes Incorporated AH1815 Datasheet HTML 5Page - Diodes Incorporated AH1815 Datasheet HTML 6Page - Diodes Incorporated AH1815 Datasheet HTML 7Page - Diodes Incorporated AH1815 Datasheet HTML 8Page - Diodes Incorporated AH1815 Datasheet HTML 9Page - Diodes Incorporated AH1815 Datasheet HTML 10Page - Diodes Incorporated AH1815 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
AH1815
Document number: DS37970 Rev. 2 - 2
7 of 13
www.diodes.com
September 2015
© Diodes Incorporated
AH1815
Marking Information
(1)
Package Type: SC59
XX Y W X
( Top View )
XX : Identification Code
W : Week : A to Z : 1 to 26 week;
Y : Year 0 to 9
a to z : 27 to 52 week; z represents
52 and 53 week
X : Internal Code
Part Number
Package
Identification Code
AH1815
SC59
AG
(2)
Package Type: SOT553
( Top View )
Y : Year : 0 to 9
X : Internal code
XX : Identification Code
W : Week : A to Z : 1~26 week;
a to z : 27~52 week; z represents
52 and 53 week
XX Y W X
Part Number
Package
Identification Code
AH1815
SOT553
AG
(3)
Package Type: SIP-3
1815
Part Number
(Front View)
X : Internal Code
Y : Year : 0 to 9
WW : Week : 01~52, "52" represents
52 and 53 week
Y WW X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com