Electronic Components Datasheet Search
  English  ▼

X  

AH1815 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AH1815
Description  LOW SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH1815 Datasheet(HTML) 1 Page - Diodes Incorporated

  AH1815 Datasheet HTML 1Page - Diodes Incorporated AH1815 Datasheet HTML 2Page - Diodes Incorporated AH1815 Datasheet HTML 3Page - Diodes Incorporated AH1815 Datasheet HTML 4Page - Diodes Incorporated AH1815 Datasheet HTML 5Page - Diodes Incorporated AH1815 Datasheet HTML 6Page - Diodes Incorporated AH1815 Datasheet HTML 7Page - Diodes Incorporated AH1815 Datasheet HTML 8Page - Diodes Incorporated AH1815 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
AH1815
Document number: DS37970 Rev. 2 - 2
1 of 13
www.diodes.com
September 2015
© Diodes Incorporated
AH1815
LOW SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
Description
The AH1815 is a low-sensitivity, micro-power Omnipolar Hall effect
switch IC, designed for portable and battery powered consumer
equipment for home appliance and industrial applications such as
smart-meter magnetic-tamper detection. Based on two sensitive Hall
effect plates and a chopper-stabilized architecture, the AH1815
provides a reliable solution over the whole operating range. To
support portable and battery powered equipment, the design has
been optimized to operate over the supply range of 2.5V to 5.5V and
consumes only 24µW with a supply of 3V.
The single open drain output can switch on with either a north or
south pole of sufficient strength. When the magnetic flux density (B)
perpendicular to the package is larger than operating point (Bop) the
output is switched on (pulled low). The output is turned off when
B becomes lower than the releasing point (Brp). The output will
remain off when there is no magnetic field.
Features
Omnipolar (North or South pole) Operation
Low Sensitivity
Single Open Drain Output
Micropower Operation
2.5V to 5.5V Operating Range
Chopper Stabilized Design Provides
Superior Temperature Stability
Minimal Switch Point Drift
Enhanced Immunity to Stress
Good RF Noise Immunity
-40°C to +125°C Operating Temperature
ESD (HBM) > 6KV
Small Low Profile SOT553 and Industry Standard SC59 and
SIP-3 Packages
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
(Top View)
1
3
2
OUTPUT
GND
VDD
SC59
(Top View)
5
4
3
2
1
NC
OUTPUT
VDD
GND
NC
SOT553
(Front View)
1. VDD
2. GND
3. OUTPUT
SIP-3
Applications
Doors, Lids, Covers and Tray Position Detect Switches
Display Switch for Portable PCs and Tablets
On/Off Switch for PDAs and Digital Cameras
Liquid Level Detection for Coffee Machines
Smart Meters
Position, Proximity and Level Detection Contactless Switch in
Battery Powered Consumer, Home Appliances and Industrial
Applications
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.


Similar Part No. - AH1815

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH1810 DIODES-AH1810 Datasheet
162Kb / 7P
HIGH SENSIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
Rev 2
AH1810-W-7 DIODES-AH1810-W-7 Datasheet
162Kb / 7P
HIGH SENSIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
Rev 2
AH1812 DIODES-AH1812 Datasheet
300Kb / 8P
HIGH SENSIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
Rev 2
AH1812 DIODES-AH1812 Datasheet
482Kb / 8P
HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
Rev 2
AH1812-FA-7 DIODES-AH1812-FA-7 Datasheet
300Kb / 8P
HIGH SENSIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
Rev 2
More results

Similar Description - AH1815

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AH9248 BCDSEMI-AH9248 Datasheet
111Kb / 2P
High Sensitivity Micropower Omnipolar Hall-Effect Switch
AH9249 BCDSEMI-AH9249_11 Datasheet
333Kb / 14P
High Sensitivity Micropower Omnipolar Hall-Effect Switch
logo
Nanjing Ouzhuo Technolo...
OH9248 OHHALLSENSOR-OH9248 Datasheet
227Kb / 5P
High Sensitivity Micropower Omnipolar Hall-Effect Switch
OH9249 OHHALLSENSOR-OH9249 Datasheet
194Kb / 4P
High Sensitivity Micropower Omnipolar Hall-Effect Switch
logo
Diodes Incorporated
AH9249 DIODES-AH9249 Datasheet
333Kb / 14P
High Sensitivity Micropower Omnipolar Hall-Effect Switch
Rev 1
AH1808 DIODES-AH1808 Datasheet
372Kb / 9P
HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
Rev 4
AH9251 DIODES-AH9251 Datasheet
447Kb / 10P
MEDIUM SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
Rev 1
AH9250 DIODES-AH9250 Datasheet
450Kb / 10P
HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
Rev 1
AH1806 DIODES-AH1806_18 Datasheet
564Kb / 12P
HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
Rev 8
AH1812 DIODES-AH1812_15 Datasheet
482Kb / 8P
HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com