Electronic Components Datasheet Search
  English  ▼

X  

AH1815 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AH1815
Description  LOW SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH1815 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AH1815 Datasheet HTML 5Page - Diodes Incorporated AH1815 Datasheet HTML 6Page - Diodes Incorporated AH1815 Datasheet HTML 7Page - Diodes Incorporated AH1815 Datasheet HTML 8Page - Diodes Incorporated AH1815 Datasheet HTML 9Page - Diodes Incorporated AH1815 Datasheet HTML 10Page - Diodes Incorporated AH1815 Datasheet HTML 11Page - Diodes Incorporated AH1815 Datasheet HTML 12Page - Diodes Incorporated AH1815 Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
AH1815
Document number: DS37970 Rev. 2 - 2
10 of 13
www.diodes.com
September 2015
© Diodes Incorporated
AH1815
Package Outline Dimensions (cont.) (All dimensions in mm.)
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version.
(3)
Package Type: SIP-3 (Bulk Pack)
PART
MARKING
SURFACE
0.63/0.84
0.27/0.48
Hall Sensor
1.90/2.10
1.05/1.25
1
2
3
PART
MARKING
SURFACE
Min/Max
Sensor Location
SIP-3
(Bulk Pack)
Dim
Min
Max
A
3.9
4.3
a1
5° Typ
a2
5° Typ
a3
45° Typ
a4
3° Typ
B
2.8
3.2
C
1.40
1.60
D
0.33
0.432
E
0.40
0.508
F
0
0.2
G
1.24
1.30
H
2.51
2.57
J
0.35
0.43
L
14.0
15.0
N
0.63
0.84
P
1.55
-
All Dimensions in mm
L
J
N
D
C
G
H
B
P
A
E
F
a4
a1
a2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com