Electronic Components Datasheet Search
  English  ▼

X  

AP2303 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP2303
Description  DDR BUS TERMINATION REGULATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2303 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP2303 Datasheet HTML 1Page - Diodes Incorporated AP2303 Datasheet HTML 2Page - Diodes Incorporated AP2303 Datasheet HTML 3Page - Diodes Incorporated AP2303 Datasheet HTML 4Page - Diodes Incorporated AP2303 Datasheet HTML 5Page - Diodes Incorporated AP2303 Datasheet HTML 6Page - Diodes Incorporated AP2303 Datasheet HTML 7Page - Diodes Incorporated AP2303 Datasheet HTML 8Page - Diodes Incorporated AP2303 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
AP2303
Document number: DS36546 Rev. 3 - 2
5 of 15
www.diodes.com
September 2014
© Diodes Incorporated
AP2303
A Product Line of
Diodes Incorporated
Performance Characteristics
Output Offset Voltage vs. Ambient Temperature
Dropout Voltage vs. Output Current
Source Current Limit vs. VCNTL Input Voltage
Sink Current Limit vs. VCNTL Input Voltage
VCNTL Operating Input Current vs. Ambient Temperature
VCNTL Standby Current vs. Ambient Temperature
-40
-20
0
20
40
60
80
100
120
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Ambient Temperature (
oC)
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
0
50
100
150
200
250
300
350
400
450
500
550
600
650
700
Output Current (A)
V
CNTL
=3.3V
T
A
=-40
oC
T
A
=25
oC
T
A
=85
oC
3.0
3.2
3.4
3.6
3.8
4.0
4.2
4.4
4.6
4.8
5.0
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
4.0
VCNTL Input Voltage (V)
V
IN
=1.5V, V
REFEN
=0.75V
T
A
=-40
oC
T
A
=25
oC
T
A
=85
oC
3.0
3.2
3.4
3.6
3.8
4.0
4.2
4.4
4.6
4.8
5.0
-1.0
-1.2
-1.4
-1.6
-1.8
-2.0
-2.2
-2.4
-2.6
-2.8
-3.0
-3.2
-3.4
-3.6
-3.8
-4.0
VCNTL Input Voltage (V)
V
IN
=1.5V, V
REFEN
=0.75V
T
A
=-40
oC
T
A
=25
oC
T
A
=85
oC
-40
-20
0
20
40
60
80
100
120
400
450
500
550
600
650
700
Ambient Temperature (
oC)
V
CNTL
=5V
-40
-20
0
20
40
60
80
100
120
10
15
20
25
30
35
40
Ambient Temperature (
oC)
V
CNTL
=5V, V
REFEN
=0.15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com