Electronic Components Datasheet Search
  English  ▼

X  

AP2303 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP2303
Description  DDR BUS TERMINATION REGULATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2303 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP2303 Datasheet HTML 1Page - Diodes Incorporated AP2303 Datasheet HTML 2Page - Diodes Incorporated AP2303 Datasheet HTML 3Page - Diodes Incorporated AP2303 Datasheet HTML 4Page - Diodes Incorporated AP2303 Datasheet HTML 5Page - Diodes Incorporated AP2303 Datasheet HTML 6Page - Diodes Incorporated AP2303 Datasheet HTML 7Page - Diodes Incorporated AP2303 Datasheet HTML 8Page - Diodes Incorporated AP2303 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
AP2303
Document number: DS36546 Rev. 3 - 2
1 of 15
www.diodes.com
September 2014
© Diodes Incorporated
AP2303
A Product Line of
Diodes Incorporated
DDR BUS TERMINATION REGULATOR
Description
The AP2303 is a low dropout linear regulator to generate termination
voltage of DDR-SDRAM system. The regulator can source or sink up
to 1.75A current continuously. The output voltage is regulated to track
tightly with the reference voltage (1/2VDDQ) within ±10mV.
The AP2303 supports soft start-up when used to turn on the VCNTL
and VREFEN. It integrates a shutdown circuit that will be triggered
once the voltage of VIN, VCNTL or VREFEN falls below a certain
value.
AP2303 features over temperature protection and current limit
protection for both source and sink.
AP2303 is available in packages of SOIC-8 and PSOP-8.
Features
Support DDR-II (VTT=0.9V), DDR-III (VTT=0.75V), DDR-IIIL
(VTT=0.675V), DDR-IV (VTT=0.6V) Application
Source and Sink up to 1.75A Current
Output Voltage Accuracy Over Full Load: ±2% (Max.)
Soft Start-up and Shutdown along with VIN, VCNTL and VREFEN
Rising and Shutdown along with VIN, VCNTL and VREFEN Dropping
Flexible Output by 2 External Resistors
Requires
Minimum
10µF
Output
Ceramic
Capacitor
for
Application
Current Limit Protection for Both Source and Sink
OTSD Protection
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halo
gen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
(Top View)
SOIC-8
(Top View)
PSOP-8
Applications
DDR-II/DDR-III/DDR-IIIL/DDR-IV Memory System
Desktop PC, Notebook Mother Board
Graphic Card
STB, LCD-TV, Web-TV
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
Typical Applications Circuit
VIN
VCNTL
VREFEN
AP2303 VOUT
GND
RTT
COUT
VCNTL=3.3V/5V
R1
R2
CSS
CCNTL
CIN
VIN=1.8V/1.5V/1.35V/1.2V
RDUMMY
1
4
2
3
6
Shutdown
Enable
VIN
GND
VREFEN
VOUT
NC
NC
VCNTL
NC
1
2
3
4
8
7
6
5
1
2
3
4
8
7
6
5
VOUT
GND
VIN
NC
NC
VCNTL
NC
VREFEN
Exposed
Pad


Similar Part No. - AP2303

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP2303AI APME-AP2303AI Datasheet
1Mb / 7P
-17V P-Channel Enhancement Mode MOSFET
REV1.0
logo
Advanced Power Electron...
AP2303GN A-POWER-AP2303GN Datasheet
70Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
VBsemi Electronics Co.,...
AP2303GN VBSEMI-AP2303GN Datasheet
1Mb / 9P
P-Channel 30 V (D-S) MOSFET
logo
Advanced Power Electron...
AP2303GN-HF A-POWER-AP2303GN-HF Datasheet
100Kb / 4P
Simple Drive Requirement, Small Package Outline
AP2303GN-HF A-POWER-AP2303GN-HF_14 Datasheet
100Kb / 4P
Simple Drive Requirement
More results

Similar Description - AP2303

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN1655 FAIRCHILD-FAN1655 Datasheet
513Kb / 9P
3A DDR Bus Termination Regulator
FAN6550 FAIRCHILD-FAN6550 Datasheet
99Kb / 12P
2A DDR Bus Termination Regulator
logo
Unisonic Technologies
UR5512 UTC-UR5512 Datasheet
117Kb / 7P
2A DDR BUS TERMINATION REGULATOR
logo
Fairchild Semiconductor
FAN1655 FAIRCHILD-FAN1655_06 Datasheet
494Kb / 9P
3A DDR Bus Termination Regulator
logo
Unisonic Technologies
UR5517 UTC-UR5517 Datasheet
193Kb / 6P
3A DDR BUS TERMINATION REGULATOR
UR6512 UTC-UR6512 Datasheet
228Kb / 7P
2A DDR BUS TERMINATION REGULATOR
UR6515A UTC-UR6515A Datasheet
517Kb / 9P
3A DDR BUS TERMINATION REGULATOR
UR5517 UTC-UR5517_11 Datasheet
1Mb / 9P
3A DDR BUS TERMINATION REGULATOR
UR6512 UTC-UR6512_15 Datasheet
192Kb / 6P
2A DDR BUS TERMINATION REGULATOR
UR5513 UTC-UR5513 Datasheet
285Kb / 6P
2A DDR BUS TERMINATION REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com