Electronic Components Datasheet Search
  English  ▼

X  

AP2303 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP2303
Description  DDR BUS TERMINATION REGULATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2303 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP2303 Datasheet HTML 2Page - Diodes Incorporated AP2303 Datasheet HTML 3Page - Diodes Incorporated AP2303 Datasheet HTML 4Page - Diodes Incorporated AP2303 Datasheet HTML 5Page - Diodes Incorporated AP2303 Datasheet HTML 6Page - Diodes Incorporated AP2303 Datasheet HTML 7Page - Diodes Incorporated AP2303 Datasheet HTML 8Page - Diodes Incorporated AP2303 Datasheet HTML 9Page - Diodes Incorporated AP2303 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
AP2303
Document number: DS36546 Rev. 3 - 2
6 of 15
www.diodes.com
September 2014
© Diodes Incorporated
AP2303
A Product Line of
Diodes Incorporated
Performance Characteristics (Cont.)
Output Voltage vs. Source Current (DDR-III)
Output Voltage vs. Sink Current (DDR-III)
Output Voltage vs. Source Current (DDR-IV)
Output Voltage vs. Sink Current (DDR-IV)
VIN Input Current vs. VIN Input Voltage
VIN Input Current vs. VCNTL Input Voltage
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
0.730
0.735
0.740
0.745
0.750
0.755
0.760
0.765
0.770
Source Current (A)
V
IN
=1.5V, V
CNTL
=3.3V, V
REFEN
=0.75V
T
A
=-40
oC
T
A
=25
oC
T
A
=85
oC
0.00
-0.25
-0.50
-0.75
-1.00
-1.25
-1.50
-1.75
0.730
0.735
0.740
0.745
0.750
0.755
0.760
0.765
0.770
Sink Current (A)
V
IN
=1.5V, V
CNTL
=3.3V, V
REFEN
=0.75V
T
A
=-40
oC
T
A
=25
oC
T
A
=85
oC
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
0.580
0.585
0.590
0.595
0.600
0.605
0.610
0.615
0.620
Source Current (A)
V
IN
=1.2V, V
CNTL
=3.3V, V
REFEN
=0.6V
T
A
=-40
oC
T
A
=25
oC
T
A
=85
oC
0.00
-0.25
-0.50
-0.75
-1.00
-1.25
-1.50
-1.75
0.580
0.585
0.590
0.595
0.600
0.605
0.610
0.615
0.620
Sink Current (A)
V
IN
=1.2V, V
CNTL
=3.3V, V
REFEN
=0.6V
T
A
=-40
oC
T
A
=25
oC
T
A
=85
oC
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
1
2
3
4
5
6
7
VIN Input Voltage (V)
V
CNTL
=5V,V
REFEN
=0.9V
No Load
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
200
400
600
800
1000
1200
1400
1600
1800
2000
VCNTL Input Voltage (V)
V
IN
=1.5V, V
REFEN
=0.75V
No Load
T
A
=-40
oC
T
A
=25
oC
T
A
=85
oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com