Electronic Components Datasheet Search
  English  ▼

X  

AP2303 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP2303
Description  DDR BUS TERMINATION REGULATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2303 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP2303 Datasheet HTML 4Page - Diodes Incorporated AP2303 Datasheet HTML 5Page - Diodes Incorporated AP2303 Datasheet HTML 6Page - Diodes Incorporated AP2303 Datasheet HTML 7Page - Diodes Incorporated AP2303 Datasheet HTML 8Page - Diodes Incorporated AP2303 Datasheet HTML 9Page - Diodes Incorporated AP2303 Datasheet HTML 10Page - Diodes Incorporated AP2303 Datasheet HTML 11Page - Diodes Incorporated AP2303 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
AP2303
Document number: DS36546 Rev. 3 - 2
8 of 15
www.diodes.com
September 2014
© Diodes Incorporated
AP2303
A Product Line of
Diodes Incorporated
Performance Characteristics (Cont.)
VIN Power On
VIN Power Off
(CIN=COUT=10µF, RLOAD=5Ω, VCNTL=5V)
(CIN=COUT=10µF, RLOAD=5Ω, VCNTL=5V)
VCNTL Power On
VCNTL Power Off
(CIN=COUT=10µF, RLOAD=5Ω)
(CIN=COUT=10µF, RLOAD=5Ω)
VOUT
500mV/div
VIN
1V/div
VREFEN
1V/div
IOUT
200mA/div
VOUT
500mV/div
VIN
1V/div
VREFEN
1V/div
IOUT
200mA/div
Time 100
µs/div
Time 500
ms/div
VOUT
500mV/div
VIN
1V/div
VCNTL
2V/div
IOUT
200mA/div
VOUT
500mV/div
VIN
1V/div
VCNTL
2V/div
IOUT
200mA/div
Time 100
µs/div
Time 100
µs/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com