Electronic Components Datasheet Search
  English  ▼

X  

AP2822 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AP2822
Description  0.5A to 2.0A High-side Power Distribution Switches
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2822 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AP2822 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2822 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2822 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2822 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2822 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2822 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2822 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2822 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2822 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Preliminary Datasheet
0.5A to 2.0A High-side Power Distribution Switches
AP2822
Dec. 2012 Rev 1. 1
BCD Semiconductor Manufacturing Limited
1
General Description
The AP2822 is an integrated high-side power switch
that consists of N-Channel MOSFET, charge pump,
over current & temperature and other related protection
circuits. The switch’s low RDS(ON), 85mΩ, is designed
to meet USB voltage drop requirements. The IC
includes soft-start to limit inrush current, over-current
protection, load short protection with fold-back, and
thermal shutdown to avoid switch failure during hot
plug-in. Under voltage lockout (UVLO) function is
used to ensure the device remain off unless there is a
valid input voltage present. A FLAG output is
available to indicate fault conditions to the local USB
controller.
The AP2822 is available in the standard package of
SOT-23-5.
Applications
•
USB Power Management
•
USB Bus/Self Powered Hubs
•
Hot-plug Power Supplies
•
Battery-charger Circuits
•
Notebooks, Motherboard PCs
Features
•
Low MOSFET On Resistance: 85mΩ
•
Compliant to USB Specifications
•
Available 4 Versions of Continuous Load:
0.5A/1.0A/1.5A/2.0A
•
Logic Level Enable Pin: Available with
Active-high or Active-low Version
•
Operating Voltage Range: 2.7V to 5.5V
•
Low Supply Current: 68µA (Typ.)
•
Low Shutdown Current: 1.0µA (Max)
•
Under-voltage Lockout
•
Soft Start-up
•
Over-current Protection
•
Over Temperature Protection
•
Load Short Protection with Fold-back
•
No Reverse Current When Power Off
•
Deglitched FLAG Output with Open Drain
•
With Output Shutdown Pull-low Resistor
Figure 1. Package Type of AP2822
SOT-23-5


Similar Part No. - AP2822

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2820 BCDSEMI-AP2820 Datasheet
653Kb / 18P
High-side Power Distribution Switch with Enable and Flag
AP2820AMM-G1 BCDSEMI-AP2820AMM-G1 Datasheet
653Kb / 18P
High-side Power Distribution Switch with Enable and Flag
AP2820AMMTR-G1 BCDSEMI-AP2820AMMTR-G1 Datasheet
653Kb / 18P
High-side Power Distribution Switch with Enable and Flag
AP2820BMM-G1 BCDSEMI-AP2820BMM-G1 Datasheet
653Kb / 18P
High-side Power Distribution Switch with Enable and Flag
AP2820BMMTR-G1 BCDSEMI-AP2820BMMTR-G1 Datasheet
653Kb / 18P
High-side Power Distribution Switch with Enable and Flag
More results

Similar Description - AP2822

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
POWER-DISTRIBUTION SWITCHES
TPS2014 TI-TPS2014 Datasheet
430Kb / 22P
POWER DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
POWER-DISTRIBUTION SWITCHES
TPS2080 TI-TPS2080 Datasheet
424Kb / 19P
POWER DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
470Kb / 25P
POWER DISTRIBUTION SWITCHES
TPS2030-Q1 TI1-TPS2030-Q1 Datasheet
436Kb / 24P
POWER-DISTRIBUTION SWITCHES
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
POWER-DISTRIBUTION SWITCHES
TPS2041DR TI-TPS2041DR Datasheet
578Kb / 25P
POWER-DISTRIBUTION SWITCHES
logo
Digitron Semiconductors
1N6513 DIGITRON-1N6513 Datasheet
143Kb / 2P
0.5A-2.0A RECTIFIERS
logo
Unisonic Technologies
US202 UTC-US202_15 Datasheet
207Kb / 6P
POWER DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com