Electronic Components Datasheet Search
  English  ▼

X  

AP2822 Datasheet(PDF) 14 Page - BCD Semiconductor Manufacturing Limited

Part # AP2822
Description  0.5A to 2.0A High-side Power Distribution Switches
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2822 Datasheet(HTML) 14 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2822 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP2822 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP2822 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP2822 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AP2822 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited AP2822 Datasheet HTML 15Page - BCD Semiconductor Manufacturing Limited AP2822 Datasheet HTML 16Page - BCD Semiconductor Manufacturing Limited AP2822 Datasheet HTML 17Page - BCD Semiconductor Manufacturing Limited AP2822 Datasheet HTML 18Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Preliminary Datasheet
0.5A to 2.0A High-side Power Distribution Switches
AP2822
Dec. 2012 Rev 1. 1
BCD Semiconductor Manufacturing Limited
14
Typical Performance Characteristics (Continued)
Figure 20. Output Short to GND Current
Figure 21. Enable Threshold Voltage
vs. Ambient Temperature
vs. Ambient Temperature
Figure 22. Enable Threshold Voltage
Figure 23. Output Turn On and Rise Time
vs. Supply Voltage
(CIN=1.0μF, COUT=1.0μF, No Load)
-40.0
-20.0
0.0
20.0
40.0
60.0
80.0
1.0
1.1
1.2
1.3
1.4
1.5
For AP2822 E/F/G/H
Ambient Temperature (
OC)
V
IN=5V
Enable Active
-40.0
-20.0
0.0
20.0
40.0
60.0
80.0
1.0
1.1
1.2
1.3
1.4
1.5
1.6
V
ENH
V
ENL
Ambient Temperature (
OC)
V
IN=5V
3.0
3.5
4.0
4.5
5.0
5.5
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
Supply Voltage (V)
V
ENH
V
ENL
T
A=25
OC
VEN
5V/div
IINRUSH
20mA/div
VOUT
1V/div
Time 500
μs/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com