Electronic Components Datasheet Search
  English  ▼

X  

AP2822 Datasheet(PDF) 16 Page - BCD Semiconductor Manufacturing Limited

Part # AP2822
Description  0.5A to 2.0A High-side Power Distribution Switches
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2822 Datasheet(HTML) 16 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2822 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP2822 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP2822 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AP2822 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited AP2822 Datasheet HTML 15Page - BCD Semiconductor Manufacturing Limited AP2822 Datasheet HTML 16Page - BCD Semiconductor Manufacturing Limited AP2822 Datasheet HTML 17Page - BCD Semiconductor Manufacturing Limited AP2822 Datasheet HTML 18Page - BCD Semiconductor Manufacturing Limited AP2822 Datasheet HTML 19Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
Preliminary Datasheet
0.5A to 2.0A High-side Power Distribution Switches
AP2822
Dec. 2012 Rev 1. 1
BCD Semiconductor Manufacturing Limited
16
Typical Performance Characteristics (Continued)
Figure 28. Output Short to GND Current
Figure 29. FLAG Response during Over Current
(VIN=5V, CIN=1.0μF)
Figure 30. FLAG Response during
Over Temperature (TA=125 ºC)
VEN
5V/div
IOUT
1A/div
Time 20ms/div
Time 5ms/div
VOUT
1V/div
VFLAG
1V/div
IOUT
1A/div
VOUT
1V/div
Time 5ms/div
VFLAG
1V/div
IOUT
1A/div
VOUT
1V/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com