Electronic Components Datasheet Search
  English  ▼

X  

AP2822 Datasheet(PDF) 3 Page - BCD Semiconductor Manufacturing Limited

Part # AP2822
Description  0.5A to 2.0A High-side Power Distribution Switches
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2822 Datasheet(HTML) 3 Page - BCD Semiconductor Manufacturing Limited

  AP2822 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2822 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2822 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2822 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2822 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2822 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2822 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2822 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2822 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Preliminary Datasheet
0.5A to 2.0A High-side Power Distribution Switches
AP2822
Dec. 2012 Rev 1. 1
BCD Semiconductor Manufacturing Limited
3
Pin Descriptions
Pin Number
Pin Name
Function
1(K)
FLAG
Fault flag pin, output with open drain, need a pull-up resistor
in application, active low to indicate OCP or OTP
3(KA/KE)
2
GND
Ground
3(K)
EN
Chip enable control input, active low or high
1(KA)
4(KB/KE)
4(K/KA)
VIN
Supply input pin
3(KB)
5(KE)
5(K/KA)
VOUT
Switch output voltage
1,5(KB)
1(KE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com