Electronic Components Datasheet Search
  English  ▼

X  

AP7361C Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP7361C
Description  1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7361C Datasheet(HTML) 5 Page - Diodes Incorporated

  AP7361C Datasheet HTML 1Page - Diodes Incorporated AP7361C Datasheet HTML 2Page - Diodes Incorporated AP7361C Datasheet HTML 3Page - Diodes Incorporated AP7361C Datasheet HTML 4Page - Diodes Incorporated AP7361C Datasheet HTML 5Page - Diodes Incorporated AP7361C Datasheet HTML 6Page - Diodes Incorporated AP7361C Datasheet HTML 7Page - Diodes Incorporated AP7361C Datasheet HTML 8Page - Diodes Incorporated AP7361C Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
AP7361C
Document number: DS37274 Rev. 2 - 2
5 of 22
www.diodes.com
September 2015
© Diodes Incorporated
AP7361C
Electrical Characteristics (@TA = +25°C, VIN = VOUT +1V, CIN = 4.7μF, COUT = 4.7μF, VEN = VIN, unless otherwise specified.)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VREF
FB Reference Voltage, ADJ pin
IOUT = 10mA, TA = +25°C
0.792
0.8
0.808
V
IADJ
ADJ Pin Leakage Current
–
–
0.1
0.5
µA
IQ
Input Quiescent Current
Enabled, IOUT = 0A
–
60
80
µA
ISHDN
Input Shutdown Current
VEN = 0V, IOUT = 0A
-1
0.05
1
µA
VOUT
Output Voltage Accuracy
IOUT = 100mA,
TA = +25°C
1.0V
≤VOUT<1.5V
VOUT(s)-
0.015
VOUT(s)
VOUT(s)+0
.015
V
1.5 V
≤VOUT≤3.5V VOUT(s)*0.99
VOUT(s)
VOUT(s)*1
.01
OUT
IN
OUT
V
ΔV
ΔV
Line Regulation
VIN = VOUT +1V to 5.5V,
IOUT = 100mA
TA = +25°C
–
0.01
0.1
%/V
-40°C
≤TA ≤ +85°C
–
–
0.2
VOUT / VOUT Load Regulation
IOUT from 1mA to 1A
-1.0
–
1.0
%
VDROPOUT
Dropout Voltage (Note 7)
IOUT=300mA
1.0V
≤VOUT<1.1V
–
710
750
mV
1.1V
≤VOUT<1.2V
–
600
640
1.2V
≤VOUT<1.3V
–
500
540
1.3V
≤VOUT<1.4V
–
400
440
1.4V
≤VOUT<1.5V
–
300
340
1.5V
≤VOUT<2.6V
–
200
250
2.6V
≤VOUT≤3.5V
–
100
150
IOUT=1A
1.0V
≤VOUT<1.1V
–
840
–
1.1V
≤VOUT<1.2V
–
780
–
1.2V
≤VOUT<1.3V
–
700
–
1.3V
≤VOUT<1.4V
–
650
–
1.4V
≤VOUT<1.5V
–
600
–
1.5V
≤VOUT<2.0V
–
570
–
2.0V
≤VOUT<2.6V
–
440
–
2.6V
≤VOUT≤3.5V
–
360
–
VIL
EN Input Logic Low Voltage
–
0
–
0.3
V
VIH
EN Input Logic High Voltage
–
1.0
–
VIN
V
RENPD
EN Pull-Down Resistor
–
–
3.0
–
M
Ω
IEN
EN Input Leakage Current
VIN = 5.5V, VEN = 0V
-0.1
–
0.1
µA
RPD
Output Discharge Resistor
VOL=1V
–
100
–
Ω
IOUT
Maximum Output Current
VIN = VOUT +1V
1.0
–
–
A
ILIMIT
Current Limit
VIN = VOUT +1V(VIN MINI=2.2V)
1.1
1.5
–
A
ISHORT
Short-Circuit Current
VIN = VOUT +1V, Output Voltage < 15% VOUT
–
400
–
mA
PSRR
Power Supply Rejection Ratio
(Note 8)
f = 1kHz, IOUT = 100mA
–
75
–
dB
f = 10kHz, IOUT = 100mA
–
55
–
tST
Start-Up Time
VOUT = 3V, COUT = 2.2µF, RL = 30Ω
–
150
–
µs
OUT
A
OUT
V
ΔT
ΔV
Output Voltage Temperature
Coefficient
IOUT = 100mA, -40°C ≤ TA ≤ +85°C
–
±100
–
ppm/°C
TSHDN
Thermal Shutdown Threshold
–
–
150
–
°C
THYS
Thermal Shutdown Hysteresis
–
–
20
–
°C
θJA
Thermal Resistance Junction-to-
Ambient
U-DFN3030-8 (Note 9)
–
70
–
°C/W
TO252 (Note 9)
–
95
–
SOT223 (Note 9)
–
110
–
SOT89-5 (Note 9)
–
150
–
SO-8EP (Note 9)
–
100
–
Notes:
7. Dropout voltage is the voltage difference between the input and the output at which the output voltage drops 2% below its nominal value. This parameter
only applies to output voltages above 1.2V since minimum VIN = 2.2V.
8. For VIN  2.5V and VIN = VOUT +1V. For VIN < 2.5V, the PSRR performance may be reduced.
9. Test condition: U-DFN3030-8, SO-8EP devices are mounted on 2"x2", FR-4 substrate PCB, with minimum recommended pad on top layer and thermal
vias to bottom layer ground plane. TO252 devices are mounted on 2"x2" FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
For SOT223, the device is mounted on FR-4 substrate PC board, with minimum recommended pad layout. SOT89-5 devices are mounted on 1"x1" FR-4
substrate PC board, with minimum recommended pad layout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com