Electronic Components Datasheet Search
  English  ▼

X  

AP7361C Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP7361C
Description  1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7361C Datasheet(HTML) 4 Page - Diodes Incorporated

  AP7361C Datasheet HTML 1Page - Diodes Incorporated AP7361C Datasheet HTML 2Page - Diodes Incorporated AP7361C Datasheet HTML 3Page - Diodes Incorporated AP7361C Datasheet HTML 4Page - Diodes Incorporated AP7361C Datasheet HTML 5Page - Diodes Incorporated AP7361C Datasheet HTML 6Page - Diodes Incorporated AP7361C Datasheet HTML 7Page - Diodes Incorporated AP7361C Datasheet HTML 8Page - Diodes Incorporated AP7361C Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
AP7361C
Document number: DS37274 Rev. 2 - 2
4 of 22
www.diodes.com
September 2015
© Diodes Incorporated
AP7361C
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.) (Note 4)
Symbol
Parameter
Rating
Unit
VIN
Input Voltage
6.5
V
–
OUT, ADJ, EN Voltage
VIN +0.3
V
TJ
Operating Junction Temperature Range
-40 to +150
°C
TSTG
Storage Temperature Range
-65 to +150
°C
PD
Power Dissipation
Internally limited by maximum junction
temperature of +150°C
–
PD
Power Dissipation
U-DFN3030-8
1700
mW
TO252
1250
SOT223
1100
SOT89-5
800
SO-8EP
1190
ESD HBM
Human Body Model ESD Protection
> 2
KV
ESD MM
Machine Model ESD Protection (Note 5)
> 200
V
Notes:
4. Stresses greater than the 'Absolute Maximum Ratings' specified above may cause permanent damage to the device. These are stress ratings only;
functional operation of the device at these or any other conditions exceeding those indicated in this specification is not implied. Device reliability may be
affected by exposure to absolute maximum rating conditions for extended periods of time.
5. ESD MM rating at 150V for EN pin in SOT89-5 package.
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Min
Max
Unit
VIN
Input Voltage
2.2
6.0
V
VOUT
Output Voltage
0.8
5.0
V
IOUT
Output Current (Note 6)
0
1.0
A
TA
Operating Ambient Temperature
-40
+85
C
Note:
6. The device maintains a stable, regulated output voltage without a load current. When the output current is large, attention should be given to the limitation
of the package power dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com