Electronic Components Datasheet Search
  English  ▼

X  

AP7361C Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP7361C
Description  1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7361C Datasheet(HTML) 1 Page - Diodes Incorporated

  AP7361C Datasheet HTML 1Page - Diodes Incorporated AP7361C Datasheet HTML 2Page - Diodes Incorporated AP7361C Datasheet HTML 3Page - Diodes Incorporated AP7361C Datasheet HTML 4Page - Diodes Incorporated AP7361C Datasheet HTML 5Page - Diodes Incorporated AP7361C Datasheet HTML 6Page - Diodes Incorporated AP7361C Datasheet HTML 7Page - Diodes Incorporated AP7361C Datasheet HTML 8Page - Diodes Incorporated AP7361C Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
AP7361C
Document number: DS37274 Rev. 2 - 2
1 of 22
www.diodes.com
September 2015
© Diodes Incorporated
AP7361C
1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
Description
The AP7361C is a 1A, adjustable and fixed output voltage, ultra-low
dropout linear regulator with enable. The device includes pass
element, error amplifier, band-gap reference, current limit and thermal
shutdown circuitry. The device is turned on when EN pin is set to logic
high level.
The characteristics of the low dropout voltage and low quiescent
current make it suitable for low to medium power applications, for
example, laptop computers, audio and video applications and battery
powered devices. The typical quiescent current is approximately
60µA. Built-in current-limit and thermal-shutdown functions prevent
IC from damage in fault conditions.
The AP7361C is available in U-DFN3030-8, SOT89-5, SOT223,
TO252 and SO-8EP packages.
Features
Wide Input Voltage Range: 2.2V to 6.0V
Output Voltage Accuracy: ±1%
Very Low Dropout Voltage (3.3V): 360mV at 1A Typical
Low Quiescent Current (IQ): 60µA Typical
Adjustable Output Voltage Range: 0.8V to 5.0V
Fixed Output Options: 1.0V, 1.2V, 1.5V, 1.8V, 2.5V, 2.8V and
3.3V
High PSRR: 75dB @ 1kHz
Current Limit: 1.5A
Fold-Back Short Circuit Protection: 200mA
Thermal Shutdown Protection
Stable with MLCC, E-Cap, Tan-Cap or Solid Capacitor
 2.2µF
Ambient Temperature Range: -40°C to +85°C
Available in “Green” Molding Compound (No Br, Sb)
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Applications
LCD-TV, Monitor
Set-Top-Box
Home Electrical Appliances
Pin Assignments
(Top View)
(Top View)
1
2
3
4
8
7
6
5
GND
OUT
NC
ADJ/NC
GND
EN
NC
IN
NC
1
2
3
4
5
EN
GND
ADJ/NC
IN
OUT
GND
U-DFN3030-8
SOT89-5
(Top View)
(Top View)
1
2
3
IN
GND
OUT
1
2
3
GND
OUT
IN
SOT223
SOT223R
(Top View)
(Top View)
IN
NC
NC
NC
EN
OUT
GND
NC
8
7
6
5
1
2
3
4
IN
NC
NC
EN
ADJ/NC
OUT
NC
GND
8
7
6
5
1
2
3
4
SO-8EP
SO-8EPR
(Top View)
(Top View)
1
2
3
IN
GND
OUT
1
2
3
IN
GND
OUT
TO252
TO252R
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.


Similar Part No. - AP7361C

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7361 DIODES-AP7361 Datasheet
326Kb / 15P
1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
DS33626 Rev. 1 - 2
AP7361-10 DIODES-AP7361-10 Datasheet
897Kb / 22P
1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
Rev 11
AP7361-10D DIODES-AP7361-10D Datasheet
531Kb / 22P
1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
Rev 9
AP7361-12 DIODES-AP7361-12 Datasheet
897Kb / 22P
1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
Rev 11
AP7361-15 DIODES-AP7361-15 Datasheet
897Kb / 22P
1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
Rev 11
More results

Similar Description - AP7361C

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G1117A GTM-G1117A Datasheet
253Kb / 4P
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
APX1117 DIODES-APX1117 Datasheet
165Kb / 8P
1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
APX1117 Rev. 1
logo
Advanced Power Electron...
APE1117A A-POWER-APE1117A Datasheet
436Kb / 9P
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Guangdong Kexin Industr...
KMU1117 KEXIN-KMU1117 Datasheet
95Kb / 3P
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
AP7361 DIODES-AP7361 Datasheet
326Kb / 15P
1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
DS33626 Rev. 1 - 2
AP7361-10D DIODES-AP7361-10D Datasheet
531Kb / 22P
1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
Rev 9
logo
Zhaoxingwei Electronics...
LY6117 ZHAOXINGWEI-LY6117 Datasheet
111Kb / 2P
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Tiger Electronic Co.,Lt...
LMT1117 TGS-LMT1117 Datasheet
306Kb / 3P
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
AP7361 DIODES-AP7361_17 Datasheet
897Kb / 22P
1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
Rev 11
AP7361EA DIODES-AP7361EA Datasheet
2Mb / 24P
1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com