Electronic Components Datasheet Search
  English  ▼

X  

AP7361C Datasheet(PDF) 16 Page - Diodes Incorporated

Part # AP7361C
Description  1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7361C Datasheet(HTML) 16 Page - Diodes Incorporated

Back Button AP7361C Datasheet HTML 12Page - Diodes Incorporated AP7361C Datasheet HTML 13Page - Diodes Incorporated AP7361C Datasheet HTML 14Page - Diodes Incorporated AP7361C Datasheet HTML 15Page - Diodes Incorporated AP7361C Datasheet HTML 16Page - Diodes Incorporated AP7361C Datasheet HTML 17Page - Diodes Incorporated AP7361C Datasheet HTML 18Page - Diodes Incorporated AP7361C Datasheet HTML 19Page - Diodes Incorporated AP7361C Datasheet HTML 20Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
AP7361C
Document number: DS37274 Rev. 2 - 2
16 of 22
www.diodes.com
September 2015
© Diodes Incorporated
AP7361C
Marking Information (Cont.)
(6) TO252-R
Pin 1: GND, Pin 2: OUT, Pin 3: IN
61R-VV
( Top View )
YY WW X X
Logo
Part Number
61R-VV : 10 for 1.0V
12 for 1.2V
15 for 1.5V
18 for 1.8V
25 for 2.5V
28 for 2.8V
33 for 3.3V
X X : Internal Code
WW : Week : 01~52, 52 represents
YY : Year : 01~09
52 and 53 week
(7) SO-8EP
Pin 1: OUT, Pin 2: EN, Pins 3, 5, 6 and 7: NC, Pin 4: GND, Pin 8: IN
AP7361C-VV
( Top View )
YY WW X X E
Logo
Part Number
AP7361C-VV:
10 for 1.0V
12 for 1.2V
15 for 1.5V
18 for 1.8V
25 for 2.5V
28 for 2.8V
33 for 3.3V
SO-8EP
WW : Week : 01~52, 52 represents
YY : Year : 08, 09. 10~
52 and 53 week
X X : Internal Code
1
4
8
5
(8) SO-8EPR
Pin 1: OUT, Pin 2: ADJ/NC, Pin 3: GND, Pins 4, 6 and 7: NC, Pin 5: EN, Pin 8: IN
7361CR-VV
( Top View )
YY WW X X E
Logo
Part Number
7361CR-VV:
Blank for ADJ
10 for 1.0V
12 for 1.2V
15 for 1.5V
18 for 1.8V
25 for 2.5V
28 for 2.8V
33 for 3.3V
SO-8EP
WW : Week : 01~52, 52 represents
YY : Year : 08, 09. 10~
52 and 53 week
X X : Internal Code
1
4
8
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com