Electronic Components Datasheet Search
  English  ▼

X  

AP22800 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AP22800
Description  5V SINGLE CHANNEL PROGRAMMABLE LOAD SWITCH
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP22800 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AP22800 Datasheet HTML 5Page - Diodes Incorporated AP22800 Datasheet HTML 6Page - Diodes Incorporated AP22800 Datasheet HTML 7Page - Diodes Incorporated AP22800 Datasheet HTML 8Page - Diodes Incorporated AP22800 Datasheet HTML 9Page - Diodes Incorporated AP22800 Datasheet HTML 10Page - Diodes Incorporated AP22800 Datasheet HTML 11Page - Diodes Incorporated AP22800 Datasheet HTML 12Page - Diodes Incorporated AP22800 Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
AP22800
Document number: DS36046 Rev. 3 - 2
9 of 14
www.diodes.com
January 2015
© Diodes Incorporated
AP22800
Performance Characteristics (Cont. @ TA = +25°C, VIN = 5V, unless otherwise specified.)
tON vs. VIN
tOFF vs. VIN
(TA=+25°C, RL=10Ω, CSS=10nF, CL=1µF, CIN=1µF)
(TA=+25°C, RDIS=1kΩ, CSS=10nF, CL=1µF, CIN=1µF)
Application Information
Theory of Operation
The AP22800 is a load switch that can be used to isolate or power-down part of a system in order to reduce power consumption, particularly in
battery-powered devices. The NMOS pass element in the AP22800 is turned on when EN pin is pulled high. This enables the internal charge
pump, which then increases the voltage on the SS pin and provides an overdrive on the gate of the N-channel pass switch.
When the voltage on the gate of the pass switch is around 1.6 times greater than VIN, power is deemed to be good, and the Power Good (PG)
output is pulled high via an external pull-up resistor. The rise-time of the switch is controlled by the value of the capacitor on the SS pin.
When EN is pulled low, the NMOS pass switch turns off and isolates VOUT from VIN. In addition, PG is pulled to ground to indicate that the power
is no longer good. The DIS pin keeps VOUT grounded while EN is low. The fall time on VOUT is largely controlled by the value of the discharge
resistor and the capacitance on the output.
Input and Output Voltage
The Input Voltage (VIN) should be between 1.5V and 5.5V. With the switch activated, the Output Voltage (VOUT) will be the input voltage minus
the voltage drop across the device.
Enable
The GPIO compatible EN input allows the output current to be switched on and off. A high signal (switch on) should be at least 1V, and a low
signal (switch off) no higher than 0.5V. The EN pin should not be left floating. It is advisable to hold EN low when applying or removing power.
Power Good
The PG output is an open drain output that indicates when the pass switch is enhanced enough to deliver current to the load. When the gate
voltage rises to VIN
1.6, PG is pulled high via the external pull-up resistor. For example, if VIN = 5V, then PG goes high when the gate voltage of
the pass switch reaches 8V, thus, providing an overdrive of 3V. PG is pulled low when power is deemed not to be good.
PG can be pulled up to any voltage to a maximum of 5.5V, although it is recommended to utilize VOUT with a resistor greater than 5
0kΩ. The
advantage of pulling up PG to VOUT is that when EN is low, VOUT is also grounded. Thus, no power is wasted in the pull-up resistor.
If this feature is not required, then PG pin can be left floating.
Input and Output Capacitors
The input and output capacitors should be placed as close to VIN and VOUT pins as possible. The output capacitor should not be greater than the
input capacitor, otherwise, current may flow backwards through the device after turn
off. Typically, a 10μF input capacitor and a 1μF output
capacitor should be placed close to VIN and VOUT pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com