Electronic Components Datasheet Search
  English  ▼

X  

AP22800 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AP22800
Description  5V SINGLE CHANNEL PROGRAMMABLE LOAD SWITCH
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP22800 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AP22800 Datasheet HTML 6Page - Diodes Incorporated AP22800 Datasheet HTML 7Page - Diodes Incorporated AP22800 Datasheet HTML 8Page - Diodes Incorporated AP22800 Datasheet HTML 9Page - Diodes Incorporated AP22800 Datasheet HTML 10Page - Diodes Incorporated AP22800 Datasheet HTML 11Page - Diodes Incorporated AP22800 Datasheet HTML 12Page - Diodes Incorporated AP22800 Datasheet HTML 13Page - Diodes Incorporated AP22800 Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
AP22800
Document number: DS36046 Rev. 3 - 2
11 of 14
www.diodes.com
January 2015
© Diodes Incorporated
AP22800
Board Layout and Thermal Considerations
Due to the high current capacity of the load switch, PCB layout needs to ensure good thermal distribution during operation. The top and bottom of
AP22800EV1, the evaluation board for the AP22800, can be seen below.
Figure 1. PCB Copper Layout & Silk Screen
– Top
Figure 2. PCB Copper Layout & Silk Screen
– Bottom
Thermal vias are used directly underneath the chip to help distribute the heat from the device. The ground plane on the underside of the board
effectively acts as a large heatsink. The widths of the tracks carrying VIN and VOUT are kept wide. Vias are also distributed around the board to
aid thermal conduction and to ensure a consistent potential, particularly around the ground connections of the capacitors. All capacitors used are
located as close as possible to the AP22800 to minimize any parasitic effects.
The maximum junction temperature of the AP22800 is +125°C. To ensure that this is not exceeded, the following equation can be used to give an
approximation of junction temperature. Temperature readings taken with a thermal camera can also give a good approximation of power
dissipation with the use of this equation. The board layout has a major influence on the parameter
.
where,
= Junction temperature (°C)
= Ambient temperature (°C)
= Junction to ambient thermal impedance (°C/W)
= Power dissipation (voltage drop across device
output current) (W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com