Electronic Components Datasheet Search
  English  ▼

X  

AP22800 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP22800
Description  5V SINGLE CHANNEL PROGRAMMABLE LOAD SWITCH
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP22800 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP22800 Datasheet HTML 6Page - Diodes Incorporated AP22800 Datasheet HTML 7Page - Diodes Incorporated AP22800 Datasheet HTML 8Page - Diodes Incorporated AP22800 Datasheet HTML 9Page - Diodes Incorporated AP22800 Datasheet HTML 10Page - Diodes Incorporated AP22800 Datasheet HTML 11Page - Diodes Incorporated AP22800 Datasheet HTML 12Page - Diodes Incorporated AP22800 Datasheet HTML 13Page - Diodes Incorporated AP22800 Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
AP22800
Document number: DS36046 Rev. 3 - 2
10 of 14
www.diodes.com
January 2015
© Diodes Incorporated
AP22800
Application Information (Cont.)
For heavier loads, it is recommended that the VIN and VOUT trace lengths be kept to
a minimum. In addition, a bulk capacitor (≥ 10μF) may also
be placed close to the VOUT pin. If using a bulk capacitor on VOUT, it is important to control the inrush current by choosing an appropriate soft-
start time in order to minimize the droop on the input supply.
Adjustable Slew Rate/Soft-Start
The SS pin allows the output ramp time of the switch to be controlled using an external capacitor (CSS). The capacitor voltage rises to
approximately twice the value of VIN. Table 1 shows typical rise times (in µs) associated with various timing capacitors at different VIN values.
Output Voltage Rise Time (
in μs)
Measured at +25°C Using 0805 X7R 10% 25V Ceramic Capacitors
VIN
1.8V
2.5V
3.3V
5.0V
VSS
CSS
3.5V
4.8V
6.4V
9.7V
470pF
6.9
7.0
7.1
7.3
1nF
12.0
12.1
12.3
14.3
10nF
120
127
135
145
47nF
626
636
652
692
100nF
1305
1320
1340
1420
470nF
6320
6400
6660
7020
1000nF
13400
13040
13120
13800
Table 1. Timing Capacitors and Rise Times
Extra capacitance will allow further increase in rise time if desired. The timing capacitor should have a breakdown voltage of at least 25V to allow
for a high voltage on this pin.
Adjustable Discharge
When EN goes low, VOUT is discharged to ground through the discharge resistor (RDIS). The discharge/fall time on VOUT is largely controlled by
RDIS and by the output capacitor. The data in Table 2 shows typical fall times associated with various discharge resistors with CL = 1μF, for
different values of VIN.
1206 250mW 1%
Discharge Resistor (
Ω)
Fall Time (in ms)
Measured at +25°C, with CL = 1μF, RL = Open
1.8V
2.5V
3.3V
5V
100
0.25
0.26
0.26
0.27
470
1.07
1.09
1.12
1.18
1000
2.28
2.32
2.40
2.54
4700
10.42
10.65
10.90
11.50
10000
23.33
24.30
24.50
25.05
Table 2. Discharge Resistors and Output Voltage Fall Times



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com