Electronic Components Datasheet Search
  English  ▼

X  

AP22800 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP22800
Description  5V SINGLE CHANNEL PROGRAMMABLE LOAD SWITCH
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP22800 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP22800 Datasheet HTML 1Page - Diodes Incorporated AP22800 Datasheet HTML 2Page - Diodes Incorporated AP22800 Datasheet HTML 3Page - Diodes Incorporated AP22800 Datasheet HTML 4Page - Diodes Incorporated AP22800 Datasheet HTML 5Page - Diodes Incorporated AP22800 Datasheet HTML 6Page - Diodes Incorporated AP22800 Datasheet HTML 7Page - Diodes Incorporated AP22800 Datasheet HTML 8Page - Diodes Incorporated AP22800 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
AP22800
Document number: DS36046 Rev. 3 - 2
1 of 14
www.diodes.com
January 2015
© Diodes Incorporated
AP22800
5V SINGLE CHANNEL PROGRAMMABLE LOAD SWITCH
Description
The AP22800 is an integrated N-channel load switch, which features
an adjustable ramp-up and discharge rate that are settable via an
external capacitor and a resistor, respectively. In addition, it
incorporates a ‘power good’ output to flag when the switch is
enhanced. The N-channel MOSFET has a typical RDS(ON) of 16mΩ,
enabling current handling capability of up to 4A.
The AP22800 is designed to operate from 1.5V to 5.5V making it ideal
for 1.8V, 2.5V, 3.3V, 5V voltage rails. The low quiescent supply
current specification of 21µA makes it ideal for use in battery powered
distribution systems where power consumption is a concern.
The AP22800 is available in a standard Green U-DFN2116-8
package with an exposed PAD for improved thermal performance and
is RoHS compliant.
Features
1.5V to 5.5V Input Range
Low Typical RDS(ON) of 16mΩ
Very Low Quiescent Current of 21µA
Adjustable Start-Up and Discharge Rate
Small Form Factor Package U-DFN2116-8
– Footprint of just 3.36mm
2
Thermally Efficient Low Profile
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
8
7
6
1
2
3
1
2
3
8
7
6
Top View
Bottom View
U-DFN2116-8
5
4
4
5
VOUT
VOUT
DIS
PG
VIN
VIN
EN
SS
VIN
VIN
EN
SS
GND
GND
Applications
Integrated Load Switches in Ultrabook PCs
Power Up/Down Sequencing in Ultrabook PCs
Tablets
SSD (Solid State Drives)
Consumer Electronics
Telecom Systems
Set-top Boxes
E-Readers
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
Typical Applications Circuit
VIN
SS
EN
GND
VOUT
DIS
PG
CL
RL
RDIS
CSS
CIN
ON
OFF
RPG
AP22800


Similar Part No. - AP22800

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2280 DIODES-AP2280 Datasheet
286Kb / 9P
SINGLE CHANNEL SLEW RATE CONTROLLED LOAD SWITCH
AP2280 Rev. 2
AP2280 DIODES-AP2280 Datasheet
304Kb / 12P
Single Channel Slew Rate Controlled Load Switch
AP2280 Rev. 6
AP2280-1FMG-7 DIODES-AP2280-1FMG-7 Datasheet
304Kb / 12P
Single Channel Slew Rate Controlled Load Switch
AP2280 Rev. 6
AP2280-1W DIODES-AP2280-1W Datasheet
286Kb / 9P
SINGLE CHANNEL SLEW RATE CONTROLLED LOAD SWITCH
AP2280 Rev. 2
AP2280-1WG-7 DIODES-AP2280-1WG-7 Datasheet
304Kb / 12P
Single Channel Slew Rate Controlled Load Switch
AP2280 Rev. 6
More results

Similar Description - AP22800

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DML1005LDS DIODES-DML1005LDS Datasheet
1Mb / 10P
SINGLE CHANNEL SMART LOAD SWITCH
Rev 2
AP22850 DIODES-AP22850 Datasheet
1Mb / 14P
10V SINGLE CHANNEL PROGRAMMABLE LOAD SWITCH
Rev 2
AP22966 DIODES-AP22966 Datasheet
1Mb / 14P
5V DUAL CHANNEL PROGRAMMABLE LOAD SWITCH
Rev 2
DML1006LDS DIODES-DML1006LDS_17 Datasheet
669Kb / 11P
SINGLE CHANNEL SMART LOAD SWITCH
Rev 1
DML3006LFDS DIODES-DML3006LFDS Datasheet
1Mb / 9P
SINGLE CHANNEL SMART LOAD SWITCH
Rev 3
DML3009LDC DIODES-DML3009LDC Datasheet
1Mb / 9P
SINGLE CHANNEL SMART LOAD SWITCH
Rev 2
logo
Alpha & Omega Semicondu...
AOZ1336DI AOSMD-AOZ1336DI Datasheet
1Mb / 14P
Single Channel Smart Load Switch
Rev. 1.0 January 2014
logo
Diodes Incorporated
DML1010FDK DIODES-DML1010FDK Datasheet
1Mb / 11P
SINGLE CHANNEL SMART LOAD SWITCH
June 2022 Rev. 3 - 2
DML1012LDS DIODES-DML1012LDS Datasheet
1Mb / 12P
SINGLE CHANNEL SMART LOAD SWITCH
March 2022 Rev. 6 - 2
DML3008LFDS DIODES-DML3008LFDS Datasheet
1Mb / 12P
SINGLE CHANNEL SMART LOAD SWITCH
December 2021 Rev. 3 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com