Electronic Components Datasheet Search
  English  ▼

X  

AP22850 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP22850
Description  10V SINGLE CHANNEL PROGRAMMABLE LOAD SWITCH
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP22850 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP22850 Datasheet HTML 1Page - Diodes Incorporated AP22850 Datasheet HTML 2Page - Diodes Incorporated AP22850 Datasheet HTML 3Page - Diodes Incorporated AP22850 Datasheet HTML 4Page - Diodes Incorporated AP22850 Datasheet HTML 5Page - Diodes Incorporated AP22850 Datasheet HTML 6Page - Diodes Incorporated AP22850 Datasheet HTML 7Page - Diodes Incorporated AP22850 Datasheet HTML 8Page - Diodes Incorporated AP22850 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
AP22850
Document number: DS36540 Rev. 2 - 2
5 of 14
www.diodes.com
March 2015
© Diodes Incorporated
AP22850
0
Switching Characteristics (@TA = +25°C, VBIAS = 2.5V – 5.5V, CIN = 1µF, CL = 100nF, unless otherwise specified)
Symbol
Parameters
Conditions
Min
Typ
Max
Unit
tRISE
Output Rise Time
RL = 10Ω, CSS = 10nF
VIN = 10.0V
-
100
-
µs
VIN = 8.4V
102
VIN = 5.0V
104
tON
Output Turn-ON Delay Time
RL = 10Ω, CSS = 10nF
VIN = 10.0V
-
70
-
µs
VIN = 8.4V
75
VIN = 5.0V
82
tFALL
Output Fall Time
RL = Open, RDIS = 240Ω,
CSS = 10nF
VIN = 10.0V
-
70
-
µs
VIN = 8.4V
71
VIN = 5.0V
75
tOFF
Output Turn-OFF Delay Time
RL = Open, RDIS = 240Ω,
CSS = 10nF
VIN = 10.0V
-
41
-
µs
VIN = 8.4V
45
VIN = 5.0V
60
tD
Output Start Delay Time
RL = 10Ω, CSS = 10nF
VIN = 10.0V
-
12
-
µs
VIN = 8.4V
16
VIN = 5.0V
22
tPG
Power Good Delay Time
RL = 10Ω, CSS = 10nF
VIN = 10.0V
-
250
-
µs
VIN = 8.4V
230
VIN = 5.0V
205
tON/tOFF Waveforms
50%
50%
50%
50%
VEN
VOUT
50%
VPG
10%
90%
90%
10%
VOUT
tRISE
tFALL
tOFF
tON
tD
tPG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com