Electronic Components Datasheet Search
  English  ▼

X  

AP22850 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP22850
Description  10V SINGLE CHANNEL PROGRAMMABLE LOAD SWITCH
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP22850 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP22850 Datasheet HTML 1Page - Diodes Incorporated AP22850 Datasheet HTML 2Page - Diodes Incorporated AP22850 Datasheet HTML 3Page - Diodes Incorporated AP22850 Datasheet HTML 4Page - Diodes Incorporated AP22850 Datasheet HTML 5Page - Diodes Incorporated AP22850 Datasheet HTML 6Page - Diodes Incorporated AP22850 Datasheet HTML 7Page - Diodes Incorporated AP22850 Datasheet HTML 8Page - Diodes Incorporated AP22850 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
AP22850
Document number: DS36540 Rev. 2 - 2
4 of 14
www.diodes.com
March 2015
© Diodes Incorporated
AP22850
0
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Min
Max
Units
VIN
Input Voltage
4.5
11.0
V
VBIAS
Bias Voltage
2.5
5.5
V
VEN
Enable Voltage
0
5.5
V
VPG
Power Good Voltage Range
0
11.0
V
TA
Operating Ambient Temperature
−40
+85
°C
Electrical Characteristics (@TA = +25°C, VBIAS = 2.5V – 5.5V, CIN = 1µF, CL = 100nF, unless otherwise specified.)
Symbol
Parameters
Conditions
Min
Typ
Max
Unit
IVIN_Q
VIN Quiescent Current
IOUT = 0A
VIN = 10.0V
-
5.0
200
nA
VIN = 8.4V
-
3.0
200
VIN = 5.0V
-
1.0
200
IVBIAS_Q
VBIAS Quiescent Current
VIN = 12.0V, IOUT = 0A
-
1.0
200
nA
IVIN_SD
VIN Shutdown Current
VIN = 12.0V, VEN = 0V
-
2.0
200
nA
IVBIAS_SD
VBIAS Shutdown Current
VIN = 12.0V, VEN = 0V
-
2.0
200
nA
RDS(ON)
Load Switch On-Resistance
IOUT = −1A
VIN = 10.0V
-
21
31
mΩ
VIN = 8.4V
-
21
31
VIN = 5.0V
-
23
33
VIH_EN
EN Input Logic High Voltage
-
1.0
-
-
V
VIL_EN
EN Input Logic Low Voltage
-
-
-
0.5
V
ILEAK_EN
EN Input Leakage
VEN = VBIAS
-
-
100
nA
RDS_DIS
Discharge FET On-Resistance
VEN = 0V, IDIS = 10mA
VBIAS = 5.0V
-
8
11
Ω
VBIAS = 2.5V
-
11
16
Ω
VOL_PG
Power Good Output Low Level
IOL_PG = 100µA, VEN = 0V
-
-
0.2
V
IOZ_PG
Power Good High-Impedance Current
VPG = VBIAS, VEN = VBIAS
-
-
0.05
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com