Electronic Components Datasheet Search
  English  ▼

X  

AP22850 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP22850
Description  10V SINGLE CHANNEL PROGRAMMABLE LOAD SWITCH
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP22850 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP22850 Datasheet HTML 1Page - Diodes Incorporated AP22850 Datasheet HTML 2Page - Diodes Incorporated AP22850 Datasheet HTML 3Page - Diodes Incorporated AP22850 Datasheet HTML 4Page - Diodes Incorporated AP22850 Datasheet HTML 5Page - Diodes Incorporated AP22850 Datasheet HTML 6Page - Diodes Incorporated AP22850 Datasheet HTML 7Page - Diodes Incorporated AP22850 Datasheet HTML 8Page - Diodes Incorporated AP22850 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
AP22850
Document number: DS36540 Rev. 2 - 2
1 of 14
www.diodes.com
March 2015
© Diodes Incorporated
AP22850
0
10V SINGLE CHANNEL PROGRAMMABLE LOAD SWITCH
Description
AP22850 is an integrated P-Channel load switch, which features an
adjustable ramp-up and discharge rate that can be set via an external
capacitor and a resistor, respectively. In addition, it incorporates a
“power good” output to flag when the switch is fully enhanced. The P-
Channel switch has a typical RDS(ON) of 21mΩ, enabling a current
handling capability of up to 8A.
AP22850 is designed to operate from 4.5V to 11V. The near-zero
quiescent supply current makes it ideal for use in battery powered
distribution systems where power consumption is a concern.
Even as a P-Channel load switch, AP22850 does not require an
external gate pull-up resistor, and consequently, stays true to its
headlining feature of near-zero quiescent current specification. It also
features circuitry to suppress fast input transients (with EN low) from
coupling to VOUT.
Feature
Near-Zero Quiescent Current
No External Gate Pull-Up Resistor Required
Suppresses Fast Transients on VIN
4.5V to 11V Input Voltage Range
Low Typical RDS(ON) of 21mΩ
Adjustable Start-Up and Discharge Rate
Small Form Factor Package W-DFN2020-8
– Footprint of just 4mm
2
Thermally Efficient Package with an Exposed Pad
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Lead-Free Plating (NiPdAu Finish over Copper Leadframe).
Terminals: Solderable per MIL-STD-202, Method 208
Weight: TBD grams (Approximate)
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
8
7
6
1
2
3
VOUT
1
2
3
8
7
6
VOUT
Top View
Bottom View
W-DFN2020-8
5
4
4
5
SS
EN
VIN
VIN
SS
EN
VIN
VIN
DIS
PG
VBIAS
GND
Applications
Integrated Load Switches in Ultrabook PCs
Power Up/Down Sequencing in Ultrabook PCs
Tablets
Notebooks / Netbooks
E-Readers
Consumer Electronics
Set-Top Boxes
Industrial Systems
Telecom Systems
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
e4


Similar Part No. - AP22850

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2280 DIODES-AP2280 Datasheet
286Kb / 9P
SINGLE CHANNEL SLEW RATE CONTROLLED LOAD SWITCH
AP2280 Rev. 2
AP2280 DIODES-AP2280 Datasheet
304Kb / 12P
Single Channel Slew Rate Controlled Load Switch
AP2280 Rev. 6
AP2280-1FMG-7 DIODES-AP2280-1FMG-7 Datasheet
304Kb / 12P
Single Channel Slew Rate Controlled Load Switch
AP2280 Rev. 6
AP2280-1W DIODES-AP2280-1W Datasheet
286Kb / 9P
SINGLE CHANNEL SLEW RATE CONTROLLED LOAD SWITCH
AP2280 Rev. 2
AP2280-1WG-7 DIODES-AP2280-1WG-7 Datasheet
304Kb / 12P
Single Channel Slew Rate Controlled Load Switch
AP2280 Rev. 6
More results

Similar Description - AP22850

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DML1005LDS DIODES-DML1005LDS Datasheet
1Mb / 10P
SINGLE CHANNEL SMART LOAD SWITCH
Rev 2
AP22800 DIODES-AP22800 Datasheet
1Mb / 14P
5V SINGLE CHANNEL PROGRAMMABLE LOAD SWITCH
Rev 3
AP22966 DIODES-AP22966 Datasheet
1Mb / 14P
5V DUAL CHANNEL PROGRAMMABLE LOAD SWITCH
Rev 2
DML1006LDS DIODES-DML1006LDS_17 Datasheet
669Kb / 11P
SINGLE CHANNEL SMART LOAD SWITCH
Rev 1
DML3006LFDS DIODES-DML3006LFDS Datasheet
1Mb / 9P
SINGLE CHANNEL SMART LOAD SWITCH
Rev 3
DML3009LDC DIODES-DML3009LDC Datasheet
1Mb / 9P
SINGLE CHANNEL SMART LOAD SWITCH
Rev 2
logo
Alpha & Omega Semicondu...
AOZ1336DI AOSMD-AOZ1336DI Datasheet
1Mb / 14P
Single Channel Smart Load Switch
Rev. 1.0 January 2014
logo
Diodes Incorporated
DML1010FDK DIODES-DML1010FDK Datasheet
1Mb / 11P
SINGLE CHANNEL SMART LOAD SWITCH
June 2022 Rev. 3 - 2
DML1012LDS DIODES-DML1012LDS Datasheet
1Mb / 12P
SINGLE CHANNEL SMART LOAD SWITCH
March 2022 Rev. 6 - 2
DML3008LFDS DIODES-DML3008LFDS Datasheet
1Mb / 12P
SINGLE CHANNEL SMART LOAD SWITCH
December 2021 Rev. 3 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com