Electronic Components Datasheet Search
  English  ▼

X  

AP22966 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP22966
Description  5V DUAL CHANNEL PROGRAMMABLE LOAD SWITCH
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP22966 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP22966 Datasheet HTML 1Page - Diodes Incorporated AP22966 Datasheet HTML 2Page - Diodes Incorporated AP22966 Datasheet HTML 3Page - Diodes Incorporated AP22966 Datasheet HTML 4Page - Diodes Incorporated AP22966 Datasheet HTML 5Page - Diodes Incorporated AP22966 Datasheet HTML 6Page - Diodes Incorporated AP22966 Datasheet HTML 7Page - Diodes Incorporated AP22966 Datasheet HTML 8Page - Diodes Incorporated AP22966 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
AP22966
Document number: DS36217 Rev. 2 - 2
5 of 14
www.diodes.com
November 2014
© Diodes Incorporated
AP22966
010
Test Circuit and tON/tOFF Waveforms
50%
50%
50%
50%
VEN
VOUT
10%
90%
90%
10%
VOUT
tRISE
tFALL
tOFF
tON
tD
Switching Characteristics
Symbol
Parameters
Conditions
Min
Typ
Max
Unit
VIN = VEN = VBIAS = 5V, TA = +25°C
tRISE
Output Rise-time
RL = 10, CSS = 1000pF, CL = 0.1µF
–
1720
–
µs
tON
Output Turn-ON Delay Time
RL = 10, CSS = 1000pF, CL = 0.1µF
–
1270
–
µs
tFALL
Output Fall-time
RL = 10, CSS = 1000pF, CL = 0.1µF
–
2.3
–
µs
tOFF
Output Turn-OFF Delay Time
RL = 10, CSS = 1000pF, CL = 0.1µF
–
9.6
–
µs
tD
Output Start Delay
RL = 10, CSS = 1000pF, CL = 0.1µF
–
160
–
µs
VIN = 0.8V, VEN = VBIAS = 5V, TA = +25°C
tRISE
Output Rise-time
RL = 10, CSS = 1000pF, CL = 0.1µF
–
330
–
µs
tON
Output Turn-ON Delay Time
RL = 10, CSS = 1000pF, CL = 0.1µF
–
428
–
µs
tFALL
Output Fall-time
RL = 10, CSS = 1000pF, CL = 0.1µF
–
11
–
µs
tOFF
Output Turn-OFF Delay Time
RL = 10, CSS = 1000pF, CL = 0.1µF
–
146
–
µs
tD
Output Start Delay
RL = 10, CSS = 1000pF, CL = 0.1µF
–
253
–
µs
VIN = 2.5V, VEN = 5V, VBIAS = 2.5V, TA = +25°C
tRISE
Output Rise-time
RL = 10, CSS = 1000pF, CL = 0.1µF
–
1488
–
µs
tON
Output Turn-ON Delay Time
RL = 10, CSS = 1000pF, CL = 0.1µF
–
1381
–
µs
tFALL
Output Fall-time
RL = 10, CSS = 1000pF, CL = 0.1µF
–
3
–
µs
tOFF
Output Turn-OFF Delay Time
RL = 10, CSS = 1000pF, CL = 0.1µF
–
11
–
µs
tD
Output Start Delay
RL = 10, CSS = 1000pF, CL = 0.1µF
–
359
–
µs
VIN = 0.8V, VEN = 5V, VBIAS = 2.5V, TA = +25°C
tRISE
Output Rise-time
RL = 10, CSS = 1000pF, CL = 0.1µF
–
561
–
µs
tON
Output Turn-ON Delay Time
RL = 10, CSS = 1000pF, CL = 0.1µF
–
748
–
µs
tFALL
Output Fall-time
RL = 10, CSS = 1000pF, CL = 0.1µF
–
11
–
µs
tOFF
Output Turn-OFF Delay Time
RL = 10, CSS = 1000pF, CL = 0.1µF
–
123
–
µs
tD
Output Start Delay
RL = 10, CSS = 1000pF, CL = 0.1µF
–
415
–
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com