Electronic Components Datasheet Search
  English  ▼

X  

AP22966 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP22966
Description  5V DUAL CHANNEL PROGRAMMABLE LOAD SWITCH
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP22966 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP22966 Datasheet HTML 1Page - Diodes Incorporated AP22966 Datasheet HTML 2Page - Diodes Incorporated AP22966 Datasheet HTML 3Page - Diodes Incorporated AP22966 Datasheet HTML 4Page - Diodes Incorporated AP22966 Datasheet HTML 5Page - Diodes Incorporated AP22966 Datasheet HTML 6Page - Diodes Incorporated AP22966 Datasheet HTML 7Page - Diodes Incorporated AP22966 Datasheet HTML 8Page - Diodes Incorporated AP22966 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
AP22966
Document number: DS36217 Rev. 2 - 2
1 of 14
www.diodes.com
November 2014
© Diodes Incorporated
AP22966
010
5V DUAL CHANNEL PROGRAMMABLE LOAD SWITCH
Description
AP22966 is an integrated dual N-channel load switch which features
an adjustable slew rate that can be set using an external capacitor
independently for each channel. The N-Channel MOSFETs have a
typical RON of 18mΩ, enabling current handling capability of up to 6A.
Both channels can independently be controlled with low voltage logic
signals.
AP22966 is designed to operate from 0.8V to 5.5V. The low quiescent
supply current makes it ideal for use in battery powered distribution
systems where power consumption is a concern.
AP22966 is available in a standard Green V-DFN3020-14 package
with exposed PAD for improved thermal performance and is RoHS
compliant.
Features
Integrated Dual Channel Load Switch
0.8V to 5.5V Input Voltage Range
Low Typical RON of 18mΩ (VBIAS = 5V)
6A Maximum Continuous Current per Channel
Very Low Quiescent Current
6
0μA (Both Channels)
45
μA (Single Channel)
Per Channel Adjustable Slew Rate
Internal Quick Output Discharge (QOD)
Low Voltage Logic Enable
1.2/1.8/2.5/3.3V Logic
Small Form Factor Package V-DFN3020-14
– footprint of just 6mm
2
Thermally Efficient Low Profile Package
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
12
3
3
12
Top View
Bottom View
V-DFN3020-14
11
4
4
11
VOUT1
VOUT1
SS1
GND
VIN1
VIN1
EN1
VBIAS
10
5
5
10
SS2
VOUT2
VOUT2
EN2
VIN2
VIN2
VIN1
VIN1
EN1
VBIAS
EN2
VIN2
VIN2
14
13
9
8
1
2
6
7
1
2
6
7
14
13
9
8
Applications
Ultrabooks
Notebooks
Netbooks
SetTop Boxes
SSD (Solid State Drives)
Consumer Electronics
Tablet PC
Telecom Systems
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
Typical Applications Circuit
AP22966
CIN2
CSS2
ON
OFF
VIN2
VOUT2
GND
SS2
EN2
CIN1
CSS1
ON
OFF
VIN1
VOUT1
SS1
EN1
VBIAS
VBIAS
RL2
CL1
CL2
VIN 1
VIN 2
RL1


Similar Part No. - AP22966

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP22908 DIODES-AP22908 Datasheet
1Mb / 19P
1.5A SINGLE SLEW RATE CONTROLLED LOAD SWITCH
February 2023 Rev. 5 - 2
AP22908CN4-7 DIODES-AP22908CN4-7 Datasheet
1Mb / 19P
1.5A SINGLE SLEW RATE CONTROLLED LOAD SWITCH
February 2023 Rev. 5 - 2
AP22908CNA4-7 DIODES-AP22908CNA4-7 Datasheet
1Mb / 19P
1.5A SINGLE SLEW RATE CONTROLLED LOAD SWITCH
February 2023 Rev. 5 - 2
AP22908W6-7 DIODES-AP22908W6-7 Datasheet
1Mb / 19P
1.5A SINGLE SLEW RATE CONTROLLED LOAD SWITCH
February 2023 Rev. 5 - 2
AP22913 DIODES-AP22913 Datasheet
901Kb / 17P
SINGLE SLEW RATE CONTROLLED LOAD SWITCH
May 2021
More results

Similar Description - AP22966

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22966 TI1-TPS22966 Datasheet
858Kb / 26P
Dual Channel, Ultra-Low Resistance Load Switch
logo
Diodes Incorporated
AP22800 DIODES-AP22800 Datasheet
1Mb / 14P
5V SINGLE CHANNEL PROGRAMMABLE LOAD SWITCH
Rev 3
AP22850 DIODES-AP22850 Datasheet
1Mb / 14P
10V SINGLE CHANNEL PROGRAMMABLE LOAD SWITCH
Rev 2
logo
Richtek Technology Corp...
RT9736A RICHTEK-RT9736A Datasheet
248Kb / 16P
Dual Channel, Low Resistance Load Switch
RT9740A RICHTEK-RT9740A Datasheet
248Kb / 16P
Dual Channel, Ultra-Low Resistance Load Switch
logo
Texas Instruments
TPS22966-Q1 TI1-TPS22966-Q1 Datasheet
1Mb / 30P
Dual-Channel, Ultralow Resistance Load Switch
logo
MagnaChip Semiconductor...
MSI2206 MGCHIP-MSI2206 Datasheet
1Mb / 12P
Dual Channel 6A Load Switch
logo
Shenzhen Huazhimei Semi...
HM9713 HMSEMI-HM9713 Datasheet
615Kb / 4P
5V, 3.5A Low Side Load Switch
logo
Alpha & Omega Semicondu...
AOZ1331DI AOSMD-AOZ1331DI Datasheet
1Mb / 14P
Dual Channel Smart Load Switch
AOZ1331ADI AOSMD-AOZ1331ADI Datasheet
854Kb / 14P
Dual Channel Smart Load Switch
Rev. 1.3 July 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com