Electronic Components Datasheet Search
  English  ▼

X  

AP22966 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP22966
Description  5V DUAL CHANNEL PROGRAMMABLE LOAD SWITCH
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP22966 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP22966 Datasheet HTML 1Page - Diodes Incorporated AP22966 Datasheet HTML 2Page - Diodes Incorporated AP22966 Datasheet HTML 3Page - Diodes Incorporated AP22966 Datasheet HTML 4Page - Diodes Incorporated AP22966 Datasheet HTML 5Page - Diodes Incorporated AP22966 Datasheet HTML 6Page - Diodes Incorporated AP22966 Datasheet HTML 7Page - Diodes Incorporated AP22966 Datasheet HTML 8Page - Diodes Incorporated AP22966 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
AP22966
Document number: DS36217 Rev. 2 - 2
4 of 14
www.diodes.com
November 2014
© Diodes Incorporated
AP22966
010
Electrical Characteristics (For each channel @ TA = -40°C to +85°C, VIN = 0.8V to 5.5V, VBIAS = 5V, CIN = 1µF, CL = 100nF,
typical values are at TA = +25°C, unless otherwise specified.)
Symbol
Parameters
Conditions
Min
Typ
Max
Unit
IBIAS_Q
VBIAS Quiescent Current (both channels)
VEN = VIN = VBIAS = 5V, IOUT = 0A
–
60
110
µA
IBIAS_Q
VBIAS Quiescent Current (single channels)
VEN1 = VIN = VBIAS = 5V, VEN2 = 0V,
IOUT = 0A
–
45
–
µA
IBIAS_OFF
VBIAS Off Supply Current
VEN = 0V, VOUT = 0V
–
–
2
µA
IIN_SD
Input Shutdown Current (per channel)
VEN = 0V
VOUT = 0V
VIN = 5V
–
0.5
17
µA
VIN = 3.3V
–
0.1
6
µA
VIN = 1.8V
–
0.07
3
µA
VIN = 0.8V
–
0.04
2
µA
RON
Load Switch On-Resistance
VEN = VBIAS,
IOUT = 200mA
TA = +25°C
VIN = 5V
–
17
24
mΩ
VIN = 3.3V
–
17
24
mΩ
VIN = 1.8V
–
17
24
mΩ
VIN = 1.5V
–
17
24
mΩ
VIN = 1.2V
–
17
24
mΩ
VIN = 0.8V
–
17
24
mΩ
RON
Load Switch On-Resistance
VEN = VBIAS,
IOUT = 200mA
TA = -40°C to +85°C
VIN = 5V
–
–
26
mΩ
VIN = 3.3V
–
–
26
mΩ
VIN = 1.8V
–
–
26
mΩ
VIN = 1.5V
–
–
26
mΩ
VIN = 1.2V
–
–
26
mΩ
VIN = 0.8V
–
–
26
mΩ
ILEAK_EN
EN Input Leakage
VEN = 5.5V
–
–
1
µA
RDIS
Discharge FET On-Resistance
VEN = 0V, IDIS = 10mA, TA = +25°C
–
220
300
Ω
Electrical Characteristics (For each channel @ TA = -40°C to +85°C, VIN = 0.8V to 5.5V, VBIAS = 2.5V, CIN = 1µF, CL = 100nF,
typical values are at TA = +25°C, unless otherwise specified.)
Symbol
Parameters
Conditions
Min
Typ
Max
Unit
IBIAS_Q
VBIAS Quiescent Current (both channels)
VEN = VIN = VBIAS = 2.5V, IOUT = 0A
–
28
46
µA
IBIAS_Q
VBIAS Quiescent Current (single channels)
VEN1 = VIN = VBIAS = 2.5V, VEN2 = 0V,
IOUT = 0A
–
20
–
µA
IBIAS_OFF
VBIAS Off Supply Current
VEN = 0V, VOUT = 0V
–
–
2
µA
IIN_SD
Input Shutdown Current
VEN = 0V
VOUT = 0V
VIN = 2.5V
–
0.13
4
µA
VIN = 1.8V
–
0.07
3
µA
VIN = 1.2V
–
0.05
2
µA
VIN = 0.8V
–
0.04
2
µA
RON
Load Switch On-Resistance
VEN = VBIAS,
IOUT = 200mA
TA = +25°C
VIN = 2.5V
–
19
25
mΩ
VIN = 1.8V
–
18
25
mΩ
VIN = 1.5V
–
18
25
mΩ
VIN = 1.2V
–
18
25
mΩ
VIN = 0.8V
–
18
25
mΩ
RON
Load Switch On-Resistance
VEN = VBIAS,
IOUT = 200mA
TA = -40°C to +85°C
VIN = 2.5V
–
–
27
mΩ
VIN = 1.8V
–
–
27
mΩ
VIN = 1.5V
–
–
27
mΩ
VIN = 1.2V
–
–
27
mΩ
VIN = 0.8V
–
–
27
mΩ
ILEAK_EN
EN Input Leakage
VEN = 5.5V
–
–
1
µA
RDIS
Discharge FET On-Resistance
VEN = 0V, IDIS = 10mA, TA = +25°C
–
220
300
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com