Electronic Components Datasheet Search
  English  ▼

X  

AP22966 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP22966
Description  5V DUAL CHANNEL PROGRAMMABLE LOAD SWITCH
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP22966 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP22966 Datasheet HTML 1Page - Diodes Incorporated AP22966 Datasheet HTML 2Page - Diodes Incorporated AP22966 Datasheet HTML 3Page - Diodes Incorporated AP22966 Datasheet HTML 4Page - Diodes Incorporated AP22966 Datasheet HTML 5Page - Diodes Incorporated AP22966 Datasheet HTML 6Page - Diodes Incorporated AP22966 Datasheet HTML 7Page - Diodes Incorporated AP22966 Datasheet HTML 8Page - Diodes Incorporated AP22966 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
AP22966
Document number: DS36217 Rev. 2 - 2
3 of 14
www.diodes.com
November 2014
© Diodes Incorporated
AP22966
010
Absolute Maximum Ratings (@ TA = +25°C, unless otherwise specified.) (Note 4)
Symbol
Parameter
Ratings
Units
ESD HBM
Human Body ESD Protection
4000
V
ESD MM
Machine Model ESD Protection
300
V
ESD CDM
Charged Device Model ESD Protection
1000
V
VIN
Input Voltage at VIN1, VIN2 Pin
-0.3 to +6
V
VBIAS
Bias Supply Voltage
-0.3 to +6
V
VOUT
Output Voltage at VOUT1, VOUT2 Pin
-0.3 to +6
V
VEN
Enable Voltage at EN1, EN2 Pin
-0.3 to +6
V
IL
Load Current per channel
6
A
IPLS
Maximum pulsed switch current
per channel, pulse <300μs, 2% duty cycle
8
A
TJ(max)
Maximum Junction Temperature
+125
°C
TST
Storage Temperature
-65 to +150
°C
PD
Power Dissipation
(Note 5) V-DFN3020-14
2.7
W
RθJA
Thermal Resistance, Junction to Ambient
(Note 5) V-DFN3020-14
46.5
°C/W
(Note 5) V-DFN3020-14
8
RθJL
Thermal Resistance, Junction to Leads
(Note 6) V-DFN3020-14
300
°C/W
Notes:
4. Stresses greater than the 'Absolute Maximum Ratings' specified above may cause permanent damage to the device. These are stress ratings only;
functional operation of the device at these or any other conditions exceeding those indicated in this specification is not implied. Device reliability may be
affected by exposure to absolute maximum rating conditions for extended periods of time.
5. Device mounted on 2"x2" FR-4 substrate PCB, 2oz copper, with minimum recommended pad layout
6. Thermal resistance from junction to solder-point
Recommended Operating Conditions (For each channel)
Symbol
Parameter
Min
Max
Units
VIN
Input Voltage Range at VIN1, VIN2 Pin
0.8
VBIAS
V
VBIAS
Bias Supply Voltage Range
2.5
5.5
V
VEN
Enable Voltage Range at EN1, EN2 Pin
0
5.5
V
VOUT
Output Voltage at VOUT1, VOUT2 Pin
–
VIN
V
TA
Operating Ambient Temperature
-40
+85
°C
CIN
Input Capacitor
1
–
µF
EN Input Logic High Voltage
1.2
5.5
V
EN Input Logic Low Voltage
0
0.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com