Electronic Components Datasheet Search
  English  ▼

X  

CP2114 Datasheet(PDF) 11 Page - Silicon Laboratories

Part # CP2114
Description  SINGLE-CHIP USB AUDIO TO I2S DIGITAL AUDIO BRIDGE
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CP2114 Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button CP2114 Datasheet HTML 7Page - Silicon Laboratories CP2114 Datasheet HTML 8Page - Silicon Laboratories CP2114 Datasheet HTML 9Page - Silicon Laboratories CP2114 Datasheet HTML 10Page - Silicon Laboratories CP2114 Datasheet HTML 11Page - Silicon Laboratories CP2114 Datasheet HTML 12Page - Silicon Laboratories CP2114 Datasheet HTML 13Page - Silicon Laboratories CP2114 Datasheet HTML 14Page - Silicon Laboratories CP2114 Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
CP2114
Rev. 1.1
11
Figure 4. WM8523 THD+N vs. Amplitude (997 Hz)
Table 12. Analog Output/Input Characteristics (PCM1774 Daughtercard)
25 °C, bus-powered, USB synchronization mode: asynchronous, digital audio interface mode: I
2S, DAC/ADC gains set to 0 dB,
test signal for analog output: uncompressed WAV file, full-scale sine wave at 997 Hz, measurement bandwidth 20 Hz to 20 kHz
Additional parameters that apply to this table are as follows:
VIO = VDD = VCC = VPA = 3.3 V.
AOUT_L and AOUT_R outputs have 4.7
 series resistors.
Internal oscillator mode.
Parameter
Test Condition
Min
Typ
Max
Unit
THD + Noise
0 dB FS input
–20 dB FS input
–60 dB FS input
—
—
—
–82
–89
–89
—
—
—
dB
dB
dB
Dynamic Range
A-weighted
—
89
—
dB
Noise Level
Output muted
—
–103
—
dB
Frequency response
20 Hz – 20 kHz
—
+0.04,
–0.11
—dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com