Electronic Components Datasheet Search
  English  ▼

X  

CP2114 Datasheet(PDF) 39 Page - Silicon Laboratories

Part # CP2114
Description  SINGLE-CHIP USB AUDIO TO I2S DIGITAL AUDIO BRIDGE
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CP2114 Datasheet(HTML) 39 Page - Silicon Laboratories

Back Button CP2114 Datasheet HTML 35Page - Silicon Laboratories CP2114 Datasheet HTML 36Page - Silicon Laboratories CP2114 Datasheet HTML 37Page - Silicon Laboratories CP2114 Datasheet HTML 38Page - Silicon Laboratories CP2114 Datasheet HTML 39Page - Silicon Laboratories CP2114 Datasheet HTML 40Page - Silicon Laboratories CP2114 Datasheet HTML 41Page - Silicon Laboratories CP2114 Datasheet HTML 42Page - Silicon Laboratories CP2114 Datasheet HTML 43Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
CP2114
Rev. 1.1
39
9.2. USB and GPIO Configuration
The global configuration area is used to store USB descriptors and GPIO configuration. If the programmable ROM
has not been programmed, the default configuration data shown in Table 26, Table 27, and Table 28 is used. In
addition, each field in Table 26, Table 27, and Table 28 may only be customized once.
While customization of the USB configuration data is optional, customizing the VID/PID combination is strongly
recommended. A unique VID/PID will prevent the device from being recognized by any other manufacturer’s
software application. A vendor ID can be obtained from www.usb.org or Silicon Labs can provide a free PID for the
OEM product that can be used with the Silicon Labs VID. All CP2114 devices are pre-programmed with a unique
serial number. It is important to have a unique serial if it is possible for multiple CP2114-based devices to be
connected to the same PC.
Table 26. Default USB Configuration Data
Name
Value
Vendor ID
10C4h
Product ID
EAB0h
Power Descriptor (Attributes)
80h (Bus-powered)
Power Descriptor (Max. Power)
32h (100 mA)
Release Number
0100h (Release Version 01.00)
Manufacturer String
“Silicon Laboratories” (62 ASCII characters maximum)
Product Description String
“CP2114 USB-Audio Bridge” (62 characters maximum)
Serial String
Unique 8 character ASCII string (30 characters maximum)
Table 27. Default GPIO Data
Pin Name
Default Function
GPIO.0_RMUTE
Record Mute
GPIO.1_PMUTE
Playback Mute
GPIO.2_VOL-
Volume Down
GPIO.3_VOL+
Volume Up
GPIO.4_RMUTELED
Record Mute LED
GPIO.5_TXT_DACSEL0
DAC Selector 0
GPIO.6_RXT_DACSEL1
DAC Selector 1
GPIO.7_RTS_DACSEL2
DAC Selector 2
GPIO.8_CTS_DACSEL3
DAC Selector 3
GPIO.9_CLKOUT
Clock Output
GPIO.10_TX
UART TX
GPIO.11_RX
UART RX
Table 28. Default UART and Suspend Data
Name
Default Function
Flush Buffers
Flush TX and RX FIFO on open
SUSPEND
Output—Push Pull
SUSPEND
Output—Push Pull
Suspend Latch
0x0000
Suspend Mode
0x0000
Clock Divider
Divide by 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com