Electronic Components Datasheet Search
  English  ▼

X  

CP2114 Datasheet(PDF) 13 Page - Silicon Laboratories

Part # CP2114
Description  SINGLE-CHIP USB AUDIO TO I2S DIGITAL AUDIO BRIDGE
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CP2114 Datasheet(HTML) 13 Page - Silicon Laboratories

Back Button CP2114 Datasheet HTML 9Page - Silicon Laboratories CP2114 Datasheet HTML 10Page - Silicon Laboratories CP2114 Datasheet HTML 11Page - Silicon Laboratories CP2114 Datasheet HTML 12Page - Silicon Laboratories CP2114 Datasheet HTML 13Page - Silicon Laboratories CP2114 Datasheet HTML 14Page - Silicon Laboratories CP2114 Datasheet HTML 15Page - Silicon Laboratories CP2114 Datasheet HTML 16Page - Silicon Laboratories CP2114 Datasheet HTML 17Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
CP2114
Rev. 1.1
13
3. Pinout and Package Definitions
Table 14. CP2114 Pin Definitions
Name
Pin #
Type
Description
VDD
7
Power In
Power Out
Power Supply Voltage Input.
Voltage Regulator Output. See Section 10.
VIO
6
Power In I/O Supply Voltage Input.
GND
3
Ground. Must be tied to ground.
RST
10
D I/O
Device Reset. Open-drain output of internal POR or VDD monitor. An external
source can initiate a system reset by driving this pin low for the time specified
in Table 3.
REGIN
8
Power In 5 V Regulator Input. This pin is the input to the on-chip voltage regulator.
VBUS
9
D In
VBUS Sense Input. This pin should be connected to the VBUS signal of a
USB network.
D+
4
D I/O
USB D+
D–
5
D I/O
USB D–
VPP
21*
Special
Connect a 4.7 µF capacitor between this pin and ground to support one-time
programming via the USB interface.
SUSPEND
17*
D Out
This pin indicates whether the device is in the USB Suspend or not (active-
low).
SUSPEND
18*
D Out
This pin indicates whether the device is in the USB Suspend or not (active-
high).
SCK
2
D Out
Serial clock output signal for the I2S interface.
SDIN
1
D In
Serial data input signal for the I2S interface.
SDOUT
32
D Out
Serial data output signal for the I2S interface.
MCLK
25
D Out
Master clock output signal for the I2S interface.
LRCK
23
D Out
Left-right clock output for the I2S interface.
EXTCLK
31*
D In
External clock input of CP2114 (optional). An external clock is needed if the
codec/DAC does not support a 12.000 MHz master clock (MCLK).
SDA
27
D I/O
Serial data signal for the I2C interface.
SCL
26
D I/O
Serial clock signal for the I2C interface.
GPIO.0
RMUTE
30*
D I/O
D In
User-configurable input or output.
Record Mute: Toggles record between mute and un-mute each time this pin is
driven low.
GPIO.1
PMUTE
29*
D I/O
D In
User-configurable input or output.
Playback Mute: Toggles playback between mute and un-mute each time this
pin is driven low.
*Note: Pins can be left unconnected when not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com