Electronic Components Datasheet Search
  English  ▼

X  

EM346 Datasheet(PDF) 49 Page - Silicon Laboratories

Part # EM346
Description  High-Performance, Integrated Dual ZigBee PRO
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM346 Datasheet(HTML) 49 Page - Silicon Laboratories

Back Button EM346 Datasheet HTML 45Page - Silicon Laboratories EM346 Datasheet HTML 46Page - Silicon Laboratories EM346 Datasheet HTML 47Page - Silicon Laboratories EM346 Datasheet HTML 48Page - Silicon Laboratories EM346 Datasheet HTML 49Page - Silicon Laboratories EM346 Datasheet HTML 50Page - Silicon Laboratories EM346 Datasheet HTML 51Page - Silicon Laboratories EM346 Datasheet HTML 52Page - Silicon Laboratories EM346 Datasheet HTML 53Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 142 page
background image
EM346
Rev 1.0
49
7.1. GPIO Ports
The 16 GPIO pins are grouped into three ports: PA, PB, and PC. Individual GPIOs within a port are numbered 0 to
7 according to their bit positions within the GPIO registers.
Note: Because GPIO port registers’ functions are identical, the notation Px is used here to refer to PA, PB, or PC. For example,
GPIO_PxIN refers to the registers GPIO_PAIN, GPIO_PBIN, and GPIO_PCIN.
Each of the three GPIO ports has the following registers whose low-order eight bits correspond to the port’s eight
GPIO pins:

GPIO_PxIN (input data register) returns the pin level (unless in analog mode).

GPIO_PxOUT (output data register) controls the output level in normal output mode.

GPIO_PxCLR (clear output data register) clears bits in GPIO_PxOUT.

GPIO_PxSET (set output data register) sets bits in GPIO_PxOUT.

GPIO_PxWAKE (wake monitor register) specifies the pins that can wake the EM346.
In addition to these registers, each port has a pair of configuration registers, GPIO_PxCFGH and GPIO_PxCFGL.
These registers specify the basic operating mode for the port’s pins. GPIO_PxCFGL configures the pins Px[3:0]
and GPIO_PxCFGH configures the pins Px[7:4]. For brevity, the notation GPIO_PxCFGH/L refers to the pair of
configuration registers.
Two GPIO pins (PA7 and PC0) can sink and source higher current than standard GPIO outputs. Refer to Table 2.5
Digital I/O Specifications in "2. Electrical Specifications" on page 7 for more information.
7.2. Configuration
Each pin has a 4-bit configuration value in the GPIO_PxCFGH/L register. The various GPIO modes and their 4-bit
configuration values are shown in Table 7.1.
If a GPIO has two peripherals that can be the source of alternate output mode data, then other registers in addition
to GPIO_PxCFGH/L determine which peripheral controls the output.
If a GPIO does not have an associated peripheral in alternate output mode, its output is set to 0.
For outputs assigned to the serial controllers, the serial interface mode registers (SCx_MODE) determine how the
GPIO pins are used. The alternate outputs of PA4 and PA5 can either provide packet trace data (PTI_EN and
PTI_DATA) or synchronous CPU trace data (TRACEDATA2 and TRACEDATA3). The selection of packet trace or
CPU trace is made through the Ember software.
Table 7.1. GPIO Configuration Modes
GPIO Mode
GPIO_PxCFGH/L
Description
Analog
0x0
Analog input or output. When in analog mode, the digital input (GPI-
O_PxIN) always reads 1.
Input (floating)
0x4
Digital input without an internal pull up or pull down. Output is disabled.
Input (pull-up or
pull-down)
0x8
Digital input with an internal pull up or pull down. A set bit in GPIO_Px-
OUT selects pull up and a cleared bit selects pull down. Output is dis-
abled.
Output (push-pull)
0x1
Push-pull output. GPIO_PxOUT controls the output.
Output (open-
drain)
0x5
Open-drain output. GPIO_PxOUT controls the output. If a pull up is
required, it must be external.
Alternate Output
(push-pull)
0x9
Push-pull output. An onboard peripheral controls the output.
Alternate Output
(open-drain)
0xD
Open-drain output. An onboard peripheral controls the output. If a pull
up is required, it must be external.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com